Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2179 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM2179
Description  STM32 Arm®-based microcontroller in LQFP144 package
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2179 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM2179 Datasheet HTML 18Page - STMicroelectronics UM2179 Datasheet HTML 19Page - STMicroelectronics UM2179 Datasheet HTML 20Page - STMicroelectronics UM2179 Datasheet HTML 21Page - STMicroelectronics UM2179 Datasheet HTML 22Page - STMicroelectronics UM2179 Datasheet HTML 23Page - STMicroelectronics UM2179 Datasheet HTML 24Page - STMicroelectronics UM2179 Datasheet HTML 25Page - STMicroelectronics UM2179 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
Hardware layout and configuration
UM2179
22/48
UM2179 Rev 9
The 5 V power source is selected by the jumper JP6 as shown in Table 7.
Table 6. External power sources
Input power
name
Connector
pins
Voltage
range
Max current
Limitation
VIN
CN8 pin 15
CN11 pin 24
7 V to 12 V
800 mA
From 7 V to 12 V only and input
current capability is linked to input
voltage:
– 800 mA input current when
VIN=7 V
– 450 mA input current when
7V<VIN<9V
– 250 mA input current when
9 V<VIN<12 V
E5V
CN11 pin 6
4.75 V to
5.25 V
500 mA
-
+3.3 V
CN8 pin 7
CN11 pin 16
3 V to 3.6 V
-
Two possibilities:
–ST-LINK PCB is cut
– SB3 and SB111 OFF (ST-LINK not
powered)
Table 7. Power related jumper
Jumper
Description
JP6
STLK (ST-LINK VBUS) is used as power source when JP6 is set as shown on the
right (Default setting)
E5V is used as power source when JP6 is set as shown on the right:
CHGR (USB Charger on CN1) is used as power source when JP6 is set as shown
on the right:
VIN is used as power source when JP6 is set as shown on the right:
E5V STLK CHGR VIN
E5V STLK CHGR VIN
E5V STLK CHGR VIN
E5V STLK CHGR VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com