Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2179 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM2179
Description  STM32 Arm®-based microcontroller in LQFP144 package
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2179 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM2179 Datasheet HTML 19Page - STMicroelectronics UM2179 Datasheet HTML 20Page - STMicroelectronics UM2179 Datasheet HTML 21Page - STMicroelectronics UM2179 Datasheet HTML 22Page - STMicroelectronics UM2179 Datasheet HTML 23Page - STMicroelectronics UM2179 Datasheet HTML 24Page - STMicroelectronics UM2179 Datasheet HTML 25Page - STMicroelectronics UM2179 Datasheet HTML 26Page - STMicroelectronics UM2179 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
UM2179 Rev 9
23/48
UM2179
Hardware layout and configuration
47
Using VIN or E5V as an external power supply
When powered by VIN or E5V, it is still possible to use the ST-LINK for only programming or
debugging, but it is mandatory to power the board first using VIN or E5V, then to connect the
USB cable to the PC. In this way the enumeration succeeds, thanks to the external power
source.
The following power-sequence procedure must be respected:
1.
Connect jumper JP6 between pin 1 and pin 2 for E5V or between pin 7 and pin 8 for VIN
2.
Check that JP1 is removed
3.
Connect the external power source to VIN or E5V
4.
Power on the external power supply 7 V< VIN < 12 V to VIN, or 5 V for E5V
5.
Check that the green LED LD6 is turned ON
6.
Connect the PC to the USB connector CN1
If this order is not respected, the board may be powered by USB (U5V) first, then by VIN or
E5V as the following risks may be encountered:
1.
If the board needs more than 300 mA, the PC may be damaged or the current supplied
can be limited by the PC. As a consequence the board is not powered correctly.
2.
300 mA is requested during the enumeration phase (since JP1 must be OFF) so there
is the risk that the request is rejected and the enumeration does not succeed if the PC
cannot provide such current. Consequently the board is not power supplied (LED LD6
remains OFF).
External power supply input: + 3.3 V
If 3.3 V is provided by a shield board, it is worth using the +3.3 V (CN8 pin 7 or CN11 pin 16)
directly as power input. In this case the ST-LINK is not powered thus the programming and
debugging features are not available.
When the board is powered with +3.3 V, two different configurations are possible:
•
ST-LINK is removed (PCB cut)
•
SB6 (3.3 V regulator) and JP3 (NRST) are OFF
5.5.3
External power supply output
When powered by USB, VIN or E5V, the +5 V (CN8 pin 9 or CN11 pin 18) can be used as
output power supply for an ST Zio shield or an extension board. In this case the maximum
current of the power source specified in Table 6: External power sources must be respected.
The +3.3 V (CN8 pin 7 or CN11 pin 16) can also be used as power supply output. The
current is limited by the maximum current capability of the regulator U6 (500 mA max).
5.5.4
SMPS power supply
Power figures in Run Mode are significantly improved, by generating Vcore logic supply from
the external DC/DC converter (this function is only available on '-P' suffixed boards).
Board is populated with two different SMPS mounted on U15 and U16:
•
SMPS U15 allows to dynamically supply the VDD_1V2 pins in Run mode at 1.1 V with a
maximum current of 30 mA. For the NUCLEO-L4R5ZI-P, the VDD_1V2 pins in Run
mode are supplied at 1.2 V with a maximum current of 40 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com