Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2179 Datasheet(PDF) 24 Page - STMicroelectronics

Part # UM2179
Description  STM32 Arm®-based microcontroller in LQFP144 package
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2179 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UM2179 Datasheet HTML 20Page - STMicroelectronics UM2179 Datasheet HTML 21Page - STMicroelectronics UM2179 Datasheet HTML 22Page - STMicroelectronics UM2179 Datasheet HTML 23Page - STMicroelectronics UM2179 Datasheet HTML 24Page - STMicroelectronics UM2179 Datasheet HTML 25Page - STMicroelectronics UM2179 Datasheet HTML 26Page - STMicroelectronics UM2179 Datasheet HTML 27Page - STMicroelectronics UM2179 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
Hardware layout and configuration
UM2179
24/48
UM2179 Rev 9
•
SMPS U16 allows to supply the VDD_MCU pins at 1.8 V with a maximum current of
50 mA. When SB125 is opened and SB120 closed, the SMPS can deliver higher
current but with higher consumption. This SMPS is disabled by default (See Table 10:
Configuration of the solder bridges and jumpers).
VDD_MCU solder bridge configuration:
•
3.3 V (default): SB122 closed, SB121 and SB127 open
•
1.8 V: SB122 open, and SB121 and SB127 closed (best ULPBench score)
Caution:
The power sequence is not respected when using 1V8 MCU_VDD. Refer to the Getting
started with STM32L4 Series and STM32L4+ Series hardware development application
note (AN4555), and to the corresponding STM32L4 Series and STM32L4+ Series product
datasheets.
Note:
The ST-LINK is still available in this configuration as a result of level shifter U14.
5.6
LEDs
User LD1: a green user LED is connected to the STM32 I/O PC7 (SB124 ON and SB123
OFF) or PA5 (SB123 ON and SB124 OFF) corresponding to the ST Zio D13. It only works
when VCC_MCU is 3.3 V.
User LD2: a blue user LED is connected to PB7.
User LD3: a red user LED is connected to PB14.
These user LEDs are on when the I/O is HIGH value, and are off when the I/O is LOW.
LD4 COM: the tricolor LED LD4 (green, orange and red) provides information about ST-LINK
communication status. LD4 default color is red. LD4 turns to green to indicate that the
communication is in progress between the PC and the ST-LINK/V2-1, with the following
setup:
•
Slow blinking red/off: at power-on before USB initialization
•
Fast blinking red/off: after the first correct communication between PC and
ST-LINK/V2-1 (enumeration)
•
Red LED on: when the initialization between the PC and ST-LINK/V2-1 is complete
•
Green LED on: after a successful target communication initialization
•
Blinking red/green: during communication with target
•
Green on: communication finished and successful
•
Orange on: communication failure
LD5 USB power fault: LD5 indicates that the board power consumption on USB exceeds
500 mA, consequently the user must power the board using an external power supply.
LD6 PWR: the green LED indicates that the STM32 part is powered and +5 V power is
available on CN8 pin 9 and CN11 pin 18.
LD7 and LD8 USB FS: refer to Section 5.12: USB FS OTG.
Note:1
LD1 is connected to U8 and it is driven by PC7 or PA5 which may be changed to 1.8 V I/O,
so LD1 cannot be lit when VDD is set to 1.8 V.
Note:2
LD2, LD3 cannot work with VDD_MCU= 1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com