Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2179 Datasheet(PDF) 38 Page - STMicroelectronics

Part # UM2179
Description  STM32 Arm®-based microcontroller in LQFP144 package
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2179 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button UM2179 Datasheet HTML 34Page - STMicroelectronics UM2179 Datasheet HTML 35Page - STMicroelectronics UM2179 Datasheet HTML 36Page - STMicroelectronics UM2179 Datasheet HTML 37Page - STMicroelectronics UM2179 Datasheet HTML 38Page - STMicroelectronics UM2179 Datasheet HTML 39Page - STMicroelectronics UM2179 Datasheet HTML 40Page - STMicroelectronics UM2179 Datasheet HTML 41Page - STMicroelectronics UM2179 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
Hardware layout and configuration
UM2179
38/48
UM2179 Rev 9
Table 11. ST Zio connectors pin assignments
Pin
Pin name
Signal name
STM32 pin
Function
Remark
Left connectors
CN8
1NC
NC
-
-
Arduino
support
3
IOREF
IOREF
3.3 V Ref
5
RESET
RESET
NRST
RESET
7
+3.3 V
+3.3 V
-
3.3 V
input/output
9
+5 V
+5 V
5 V output
11
GND
GND
ground
13
GND
GND
15
VIN
VIN
Power input
2
D43
SDMMC_D0
PC8
SDMMC/I2S_A
-
4D44
SDMMC_D1/
I2S_A_CKIN
PC9
6
D45
SDMMC_D2
PC10
8
D46
SDMMC_D3
PC11
10
D47
SDMMC_CK
PC12
12
D48
SDMMC_CMD
PD2
14
D49
I/O
PF3
I/O
16
D50
I/O
PF5
CN9
1
A0
ADC
PA3
ADC12_IN8
Arduino
support
3
A1
ADC
PC0
ADC123_IN1
5
A2
ADC
PC3
ADC123_IN4
7
A3
ADC
PC1
ADC123_IN2
9A4(1)
ADC
PC4
ADC12_IN13
11
A5(1)
ADC
PC5
ADC12_IN14
13
D72
COMP1_INP
PB2
COMP
-
15
D71
COMP2_INP
PB6
I2C_2
17
D70
I2C_B_SMBA
PF2
19
D69
I2C_B_SCL
PF1
21
D68
I2C_B_SDA
PF0
23
GND
GND
-
ground
25
D67
CAN_RX
PD0
CAN_1
27
D66
CAN_TX
PD1
29
D65
I/O
PG0
I/O
2
D51
USART_B_SCLK
PD7
USART_2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com