Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPAX145 Datasheet(PDF) 6 Page - Texas Instruments

Part # OPAX145
Description  OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX145 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPAX145 Datasheet HTML 2Page - Texas Instruments OPAX145 Datasheet HTML 3Page - Texas Instruments OPAX145 Datasheet HTML 4Page - Texas Instruments OPAX145 Datasheet HTML 5Page - Texas Instruments OPAX145 Datasheet HTML 6Page - Texas Instruments OPAX145 Datasheet HTML 7Page - Texas Instruments OPAX145 Datasheet HTML 8Page - Texas Instruments OPAX145 Datasheet HTML 9Page - Texas Instruments OPAX145 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
6.6 Electrical Characteristics: VS = 4.5 V to 36 V; ±2.25 V to ±18 V
at TA = 25°C, RL = 10 kΩ connected to midsupply, and VCM = VOUT = midsupply (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Offset voltage, RTI
VS = ±18 V
±40
±150
μV
VS = ±18 V, TA = 0°C to +85°C
±280
VS = ±18 V, TA = –40°C to +125°C
±350
dVOS/dT
Drift
VS = ±18 V, TA = 0°C to +85°C
D and DGK Packages
±0.4
±1
μV/°C
VS = ±18 V, TA = 0°C to +85°C
DBV Package
±0.4
±1.2
VS = ±18 V, TA = –40°C to +125°C
D and DGK Packages
±0.5
±1.4
VS = ±18 V, TA = –40°C to +125°C
DBV Package
±0.5
±1.5
PSRR
Power-supply rejection ratio
VS = ±2.25 V to ±18 V
D Package Only
±0.06
±0.3
μV/V
VS = ±2.25 V to ±18 V
DGK and DBV Packages
±0.06
±0.5
VS = ±2.25 V to ±18 V,
TA = –40°C to +125°C
±2
INPUT BIAS CURRENT
IB
Input bias current
±2
±10
pA
TA = 0°C to +85°C
±600
TA = –40°C to +125°C
±10
nA
IOS
Input offset current
±2
±10
pA
TA = 0°C to +85°C
±600
TA = –40°C to +125°C
±10
nA
NOISE
Input voltage noise
f = 0.1 Hz to 10 Hz
320
nVPP
f = 0.1 Hz to 10 Hz
60
nVRMS
en
Input voltage noise density
f = 10 Hz
9
nV/√Hz
f = 100 Hz
7.2
f = 1 kHz
7
In
Input current noise density
f = 1 kHz
0.8
fA/√Hz
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
TA = –40°C to +125°C
(V–) –0.1
(V+)–3.5
V
CMRR
Common-mode rejection ratio
VS = ±18 V,
VCM = (V–) –0.1 V to (V+) – 3.5 V
126
140
dB
VS = ±18 V,
VCM = (V–) –0.1 V to (V+) – 3.5 V,
TA = –40°C to +125°C
118
INPUT IMPEDANCE
Differential
1013 || 5
Ω || pF
Common-mode
VCM = (V–) –0.1 V to (V+) –3.5 V
1013 || 4.3
OPA145,, OPA2145
SBOS427E – JUNE 2017 – REVISED OCTOBER 2020
www.ti.com
6
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: OPA145, OPA2145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com