Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPAX145 Datasheet(PDF) 23 Page - Texas Instruments

Part # OPAX145
Description  OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX145 Datasheet(HTML) 23 Page - Texas Instruments

Back Button OPAX145 Datasheet HTML 19Page - Texas Instruments OPAX145 Datasheet HTML 20Page - Texas Instruments OPAX145 Datasheet HTML 21Page - Texas Instruments OPAX145 Datasheet HTML 22Page - Texas Instruments OPAX145 Datasheet HTML 23Page - Texas Instruments OPAX145 Datasheet HTML 24Page - Texas Instruments OPAX145 Datasheet HTML 25Page - Texas Instruments OPAX145 Datasheet HTML 26Page - Texas Instruments OPAX145 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
8.1 Application Information
The OPAx145 are unity-gain stable operational amplifiers with low noise, low input-bias current, and low input-
offset voltage. Applications with noisy or high-impedance power supplies require decoupling capacitors placed
close to the device pins. In most cases, 0.1-μF capacitors are adequate. Designers can easily use the rail-to-rail
output swing and input range that includes V– to take advantage of the low-noise characteristics of JFET
amplifiers while also interfacing to modern, single-supply, precision data converters.
8.2 Typical Application
+
±
OPA145
Output
Input
R1
590
R4
2.94 k
R3
499
C2
39 nF
C5
1 nF
Copyright © 2017, Texas Instruments Incorporated
Figure 8-1. 25-kHz Low-Pass Filter
8.2.1 Design Requirements
Low-pass filters are commonly employed in signal processing applications to reduce noise and prevent aliasing.
The OPAx145 are designed to construct high-speed, high-precision active filters. Figure 8-1 shows a second-
order, low-pass filter commonly encountered in signal processing applications.
Use the following parameters for this design example:
• Gain = 5 V/V (inverting gain)
• Low-pass cutoff frequency = 25 kHz
• Second-order Chebyshev filter response with 3-dB gain peaking in the passband
8.2.2 Detailed Design Procedure
The infinite-gain multiple-feedback circuit for a low-pass network function is shown in Figure 8-1. Use Equation 2
to calculate the voltage transfer function.
1 3
2
5
2
2
1
3
4
3
4
2
5
1 R R C C
Output
s
Input
s
s C
1 R
1 R
1 R
1 R R C C
(2)
This circuit produces a signal inversion. For this circuit, the gain at dc and the low-pass cutoff frequency are
calculated by Equation 3:
4
1
C
3
4
2
5
R
Gain
R
1
f
1 R R C C
2S
(3)
www.ti.com
OPA145,, OPA2145
SBOS427E – JUNE 2017 – REVISED OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: OPA145, OPA2145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com