Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPAX145 Datasheet(PDF) 24 Page - Texas Instruments

Part # OPAX145
Description  OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX145 Datasheet(HTML) 24 Page - Texas Instruments

Back Button OPAX145 Datasheet HTML 20Page - Texas Instruments OPAX145 Datasheet HTML 21Page - Texas Instruments OPAX145 Datasheet HTML 22Page - Texas Instruments OPAX145 Datasheet HTML 23Page - Texas Instruments OPAX145 Datasheet HTML 24Page - Texas Instruments OPAX145 Datasheet HTML 25Page - Texas Instruments OPAX145 Datasheet HTML 26Page - Texas Instruments OPAX145 Datasheet HTML 27Page - Texas Instruments OPAX145 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
For systems which have different filter parameters or require specific system optimization, such as minimizing
the system noise, an alternative device may be desired. A list of recommended alternatives can be found in
Table 8-1.
Table 8-1. Alternative Devices
FEATURES
PRODUCT
Low-power, 10-MHz FET input industrial op amp
OPA140
2.2-nV/√ Hz, low-power, 36-V op amp in SOT-23 package
OPA209
Low-noise, high-precision, 22-MHz, 4-nV/√ Hz JFET-input op amp
OPA827
Low-noise, low IQ precision CMOS op amp
OPA376
Low-power, precision, CMOS, rail-to-rail input/output, low-offset, low-bias op amp
OPA191
Software tools are readily available to simplify filter design. WEBENCH® Filter Designer is a simple, powerful,
and easy-to-use active filter design program. The WEBENCH® Filter Designer lets designers create optimized
filter designs using a selection of TI operational amplifiers and passive components from TI's vendor partners.
Available as a web based tool from the WEBENCH Design Center, WEBENCH Filter Designer allows designers
to design, optimize, and simulate complete multistage active filter solutions within minutes.
8.2.3 Application Curve
Frequency (Hz)
-60
-40
-20
0
20
100
1k
10k
100k
1M
Figure 8-2. OPAx145 Second-Order, 25-kHz, Chebyshev, Low-Pass Filter
8.3 System Examples
8.3.1 16-Bit, 100-kSPS, Fully Differential Transimpedance Imaging and Measurement
The OPAx145 are used in a differential transimpedance (I-V) measurement application capable of driving the
ADS8867, a 16-bit, microPower, truly-differential ADC, at its maximum conversion rate of 100 kSPS with an
acquisition time of 1200 ns and conversion time of 8800 ns. The first stage supports a forward bandwidth of
493.5 kHz with 100 kΩ of transimpedance gain, enabling the photodiode to fully charge and settle to ±38 µV
(±1/2 LSB on 5-V ADC reference voltage) within the conversion time of the ADC. The differential nature of the
system provides several advantages such as double the transimpedance gain compared to a single-ended
system, improved signal-to-noise ratio, easy interfacing to high-precision, fully-differential ADCs, and additional
protection against inductively-coupled noise and interference. Additionally, capacitively-coupled common-mode
transients can be minimized using low-impedance termination resistors RTERM1 and RTERM2.
The second stage provides the reverse bandwidth required for settling to 16-bit accuracy after the internal
sampling capacitor of the successive-approximation-register (SAR) ADC is connected to the second stage. The
two OPAx145 amplifiers in the second stage are configured as buffers for maximum closed-loop bandwidth, and
their stability is optimized using R3, C3 and R4, C4 by creating a snubber that reduces the open-loop output
impedance (see Figure 6-26). C5 and C6 are provided as a charge reservoir for the internal sampling capacitor
of the ADC, and R5 and R6 are tuned to optimize the phase margin of the second stage to drive the output
OPA145,, OPA2145
SBOS427E – JUNE 2017 – REVISED OCTOBER 2020
www.ti.com
24
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: OPA145, OPA2145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com