Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPAX145 Datasheet(PDF) 21 Page - Texas Instruments

Part # OPAX145
Description  OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX145 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPAX145 Datasheet HTML 17Page - Texas Instruments OPAX145 Datasheet HTML 18Page - Texas Instruments OPAX145 Datasheet HTML 19Page - Texas Instruments OPAX145 Datasheet HTML 20Page - Texas Instruments OPAX145 Datasheet HTML 21Page - Texas Instruments OPAX145 Datasheet HTML 22Page - Texas Instruments OPAX145 Datasheet HTML 23Page - Texas Instruments OPAX145 Datasheet HTML 24Page - Texas Instruments OPAX145 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
7.3.7 EMI Rejection
The electromagnetic interference (EMI) rejection ratio, or EMIRR, describes the EMI immunity of operational
amplifiers. An adverse effect that is common to many op amps is a change in the offset voltage as a result of RF
signal rectification. An op amp that is more efficient at rejecting this change in offset as a result of EMI has a
higher EMIRR and is quantified by a decibel value. Measuring EMIRR can be performed in many ways, but this
section provides the EMIRR IN+, which specifically describes the EMIRR performance when the RF signal is
applied to the noninverting input pin of the op amp. In general, only the noninverting input is tested for EMIRR for
the following three reasons:
• Op amp input pins are known to be the most sensitive to EMI, and typically rectify RF signals better than the
supply or output pins.
• The noninverting and inverting op amp inputs have symmetrical physical layouts and exhibit nearly matching
EMIRR performance.
• EMIRR is easier to measure on noninverting pins than on other pins because the noninverting input terminal
can be isolated on a PCB. This isolation allows the RF signal to be applied directly to the noninverting input
terminal with no complex interactions from other components or connecting PCB traces.
High-frequency signals conducted or radiated to any pin of the operational amplifier result in adverse effects, as
the amplifier would not have sufficient loop gain to correct for signals with spectral content outside the amplifier
bandwidth. Conducted or radiated EMI on inputs, power supply, or output may result in unexpected dc offsets,
transient voltages, or other unknown behavior. Be sure to properly shield and isolate sensitive analog nodes
from noisy radio signals and digital clocks and interfaces. Figure 7-5 shows the effect of conducted EMI to the
power supplies on the input offset voltage of OPAx145.
The EMIRR IN+ of the OPAx145 is plotted versus frequency as shown in Figure 7-4. The OPAx145 unity-gain
bandwidth is 5.5 MHz. EMIRR performance below this frequency denotes interfering signals that fall within the
op amp bandwidth.See EMI Rejection Ratio of Operational Amplifiers, available for download from www.ti.com.
0
20
40
60
80
100
120
140
10M
100M
1000M
Frequency (Hz)
C004
Figure 7-4. OPAx145 EMIRR IN+
±200
±150
±100
±50
0
50
100
1k
10k
100k
1M
Frequency (Hz)
C006
V± Supply
V+ Supply
Figure 7-5. OPAx145 EMI-Induced Input Offset
Voltage (Power Supplies)
www.ti.com
OPA145,, OPA2145
SBOS427E – JUNE 2017 – REVISED OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA145, OPA2145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com