Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPAX145 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPAX145
Description  OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX145 Datasheet(HTML) 1 Page - Texas Instruments

  OPAX145 Datasheet HTML 1Page - Texas Instruments OPAX145 Datasheet HTML 2Page - Texas Instruments OPAX145 Datasheet HTML 3Page - Texas Instruments OPAX145 Datasheet HTML 4Page - Texas Instruments OPAX145 Datasheet HTML 5Page - Texas Instruments OPAX145 Datasheet HTML 6Page - Texas Instruments OPAX145 Datasheet HTML 7Page - Texas Instruments OPAX145 Datasheet HTML 8Page - Texas Instruments OPAX145 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz
JFET Operational Amplifiers
1 Features
• Best bandwidth and slew-rate-to-power ratio:
– gain-bandwidth product: 5.5 MHz
– Slew rate: 20 V/μs
– Low supply current: 475 µA (maximum)
• High precision:
– Very low offset: 150 μV (maximum)
– Very low offset drift: 1 μV/°C (maximum)
• Low input bias current: 2 pA
• Excellent noise performance:
– Very low voltage noise: 7 nV/√Hz
– Very low current noise: 0.8 fA/√ Hz
• Input-voltage range includes V– supply
• Single-supply operation: 4.5 V to 36 V
• Dual-supply operation: ±2.25 V to ±18 V
2 Applications
• Semiconductor test
• Lab and field instrumentation
• Source measurement unit (SMU)
• Weigh scale
• Intra-DC interconnect (metro)
• Merchant network and server PSU
• DC power supply, ac source, electronic load
• Data acquisition (DAQ)
3 Description
The OPA145 and OPA2145 (OPAx145) devices are
part of a family of low-power JFET input amplifier that
have excellent drift, low current noise, and pico-
ampere input bias current. These features make the
OPZx145 an excellent choice for amplifying small
signals from high-impedance sensors.
The rail-to-rail output swing interfaces to modern,
single-supply, precision, analog-to-digital converters
(ADCs) and digital-to-analog converters (DACs). In
addition, the input range that includes V– allows
designers to simplify power management and take
advantage of the single-supply, low-noise JFET
architecture.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA145
SOIC (8)
4.90 mm × 3.91 mm
VSSOP (8)
3.00 mm × 3.00 mm
SOT-23 (5)
2.90 mm × 1.60 mm
OPA2145
SOIC (8) (Preview)
4.90 mm × 3.91 mm
VSSOP (8) (Preview) 3.00 mm × 3.00 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
+
±
OPA145
GND
+10V
+
±
OPA145
GND
+10V
R
1
50 k
R
2
50 k
C1
9 pF
C2
9 pF
Fast Silicon
PIN Photodiode
5 A
3.8 pF
2.5 mW/cm
2
Photovoltaic Mode
R5
22
R6
22
Copyright © 2017, Texas Instruments Incorporated
ò ‡ 9
REF
+
±
OPA145
GND
+10V
+
±
OPA145
GND
+10V
R3
180
R4
180
C3
432p
C4
432p
GND
C5
200p
C6
200p
ADS8867
AINP
AINN
REF
2.5 V to 5 V
AVDD
2.7 V to 3.6 V
GND
OPAx145 Excels in 16-bit, 100-kSPS Fully
Differential Transimpedance Imaging Application
-3
-1.5
0
1.5
3
±20
±15
±10
±5
0
5
10
15
20
Input Common-mode Voltage (V)
C001
OPAx145 Precision JFET Technology Offers
Excellent Linear Input Impedance
www.ti.com
OPA145,, OPA2145
SBOS427E – JUNE 2017 – REVISED OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: OPA145, OPA2145
OPA145,, OPA2145
SBOS427E – JUNE 2017 – REVISED OCTOBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - OPAX145

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPAX145 TI1-OPAX145 Datasheet
1Mb / 40P
High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
OPAX145 TI-OPAX145 Datasheet
2Mb / 42P
OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
OPAX145 TI2-OPAX145 Datasheet
2Mb / 44P
OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
REVISED MARCH 2021
More results

Similar Description - OPAX145

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8642ARMZ AD-AD8642ARMZ Datasheet
264Kb / 16P
Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
Rev. E
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
ADA4610S AD-ADA4610S Datasheet
847Kb / 18P
Low Noise, Precision, Rail to Rail Output, JFET Dual Operational Amplifier
REV. A
AD8641 AD-AD8641_16 Datasheet
322Kb / 15P
Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
Rev. F
logo
Texas Instruments
OPA145 TI1-OPA145 Datasheet
1Mb / 40P
High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
TLV9702 TI1-TLV9702 Datasheet
1Mb / 39P
Low Noise, Rail-to-Rail Output Operational Amplifiers
OPA145 TI1-OPA145_18 Datasheet
1Mb / 39P
High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifier
OPA145_1807 TI1-OPA145_1807 Datasheet
2Mb / 44P
High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifier
OPA145 TI1-OPA145_V01 Datasheet
2Mb / 43P
OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
OPA145 TI-OPA145_V02 Datasheet
2Mb / 42P
OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com