Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPAX145 Datasheet(PDF) 20 Page - Texas Instruments

Part # OPAX145
Description  OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX145 Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPAX145 Datasheet HTML 16Page - Texas Instruments OPAX145 Datasheet HTML 17Page - Texas Instruments OPAX145 Datasheet HTML 18Page - Texas Instruments OPAX145 Datasheet HTML 19Page - Texas Instruments OPAX145 Datasheet HTML 20Page - Texas Instruments OPAX145 Datasheet HTML 21Page - Texas Instruments OPAX145 Datasheet HTML 22Page - Texas Instruments OPAX145 Datasheet HTML 23Page - Texas Instruments OPAX145 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
If there is an uncertainty about the ability of the supply to absorb this current, external Zener diodes may be
added to the supply pins as shown in Figure 7-3. The Zener voltage must be selected so that the diode does not
turn on during normal operation. However, the Zener voltage must be low enough so that the Zener diode
conducts if the supply pin begins to rise above the safe operating supply voltage level.
R
F
Op Amp
Core
R
I
R
L
V
(1)
IN
I
D
-In
Out
+In
ESD Current-
Steering Diodes
Edge-Triggered ESD
Absorption Circuit
+V
S
+V
-V
-V
S
R
S
(3)
TVS
(2)
TVS
(2)
(1) VIN = +VS + 500 mV.
(2) TVS: +VS(max) > VTVSBR (Min) > +VS
(3) Suggested value approximately 1 kΩ.
Figure 7-3. Equivalent Internal ESD Circuitry Relative to a Typical Circuit Application
OPA145,, OPA2145
SBOS427E – JUNE 2017 – REVISED OCTOBER 2020
www.ti.com
20
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: OPA145, OPA2145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com