Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29N323D Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # AM29N323D
Description  32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29N323D Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button AM29N323D Datasheet HTML 17Page - Advanced Micro Devices AM29N323D Datasheet HTML 18Page - Advanced Micro Devices AM29N323D Datasheet HTML 19Page - Advanced Micro Devices AM29N323D Datasheet HTML 20Page - Advanced Micro Devices AM29N323D Datasheet HTML 21Page - Advanced Micro Devices AM29N323D Datasheet HTML 22Page - Advanced Micro Devices AM29N323D Datasheet HTML 23Page - Advanced Micro Devices AM29N323D Datasheet HTML 24Page - Advanced Micro Devices AM29N323D Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
20
Am29N323D
August 8, 2002
Table 4.
Command Definitions
Legend:
X = Don’t care
RA = Address of the memory location to be read.
RD = Data read from location RA during read operation.
PA = Address of the memory location to be programmed. Addresses
latch on the falling edge of the WE# or CE# pulse, whichever happens
later.
PD = Data to be programmed at location PA. Data latches on the rising
edge of WE# or CE# pulse, whichever happens first.
SA = Address of the sector to be verified (in autoselect mode) or
erased. Address bits A20–A12 uniquely select any sector.
BA = Address of the bank (A20, A19) that is being switched to
autoselect mode, is in bypass mode, or is being erased.
SLA = Address of the sector to be locked. Set sector address (SA) and
either A6 = 1 for unlocked or A6 = 0 for locked.
WS = Number of wait states defined by A12, A13.
Notes:
1.
See Table 1 for description of bus operations.
2.
All values are in hexadecimal.
3.
Except for the read cycle and the fourth cycle of the autoselect
command sequence, all bus cycles are write cycles.
4.
Data bits DQ15–DQ8 are don’t care in command sequences,
except for RD and PD.
5.
Unless otherwise noted, address bits A20–A11 are don’t cares.
6.
No unlock or command cycles required when bank is reading
array data.
7.
The Reset command is required to return to reading array data
(or to the erase-suspend-read mode if previously in Erase
Suspend) when a bank is in the autoselect mode, or if DQ5 goes
high (while the bank is providing status information).
8.
The fourth cycle of the autoselect command sequence is a read
cycle. The system must provide the bank address. See the
Autoselect Command Sequence section for more information.
9.
The data is 0000h for an unlocked sector and 0001h for a locked
sector. All sectors are again locked upon hardware reset.
10. The data is 00h for devices that do not require additional latency
when burst address begins at an address boundary, and 21h for
devices that require additional latency when burst address begins
at an address boundary.
11. The Unlock Bypass command is required prior to this command
sequence.
12. The Unlock Bypass Reset command is required to return to
reading array data when the bank is in the unlock bypass mode.
13. The system may read and program in non-erasing sectors, or
enter the autoselect mode, when in the Erase Suspend mode.
The Erase Suspend command is valid only during a sector erase
operation, and requires the bank address.
14. The Erase Resume command is valid only during the Erase
Suspend mode, and requires the bank address.
15. The addresses in the third cycle must contain, on A12 and A13,
the additional wait counts to be set. See “Set Wait State
Command Sequence”.
Command Sequence
(Note 1)
Bus Cycles (Notes 2–5)
First
Second
Third
Fourth
Fifth
Sixth
Addr Data Addr Data
Addr
Data
Addr
Data
Addr
Data Addr Data
Asynchronous Read (Note 6)
1
RA
RD
Reset (Note 7)
1
XXX
F0
Manufacturer ID
4
555
AA
2AA
55
(BA)555
90
(BA)X00
0001
Device ID
4
555
AA
2AA
55
(BA)555
90
(BA)X01
22D1
Sector Lock Verify (Note 9)
4
555
AA
2AA
55
(SA)555
90
(SA)X02
00/01
Revision ID (Note 10)
4
555
AA
2AA
55
(SA)555
90
(BA)X03
00/21
Program
4
555
AA
2AA
55
555
A0
PA
Data
Unlock Bypass
3
555
AA
2AA
55
555
20
Unlock Bypass Program
2
XXX
A0
PA
PD
Unlock Bypass Sector Erase (Note 11)
2
XXX
80
SA
30
Unlock Bypass Chip Erase (Note 11)
2
XXX
80
XXX
10
Unlock Bypass Reset (Note 12)
2
BA
90
XXX
00
Chip Erase
6
555
AA
2AA
55
555
80
555
AA
2AA
55
555
10
Sector Erase
6
555
AA
2AA
55
555
80
555
AA
2AA
55
SA
30
Erase Suspend (Note 13)
1
BA
B0
Erase Resume (Note 14)
1
BA
30
Sector Lock/Unlock
3
XXX
60
XXX
60
SLA
60
Set Wait Count (Note 15)
3
555
AA
2AA
55
(WS)555
C0
Enable PS Mode
3
555
AA
2AA
55
555
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com