Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29N323D Datasheet(PDF) 46 Page - Advanced Micro Devices

Part # AM29N323D
Description  32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29N323D Datasheet(HTML) 46 Page - Advanced Micro Devices

Back Button AM29N323D Datasheet HTML 40Page - Advanced Micro Devices AM29N323D Datasheet HTML 41Page - Advanced Micro Devices AM29N323D Datasheet HTML 42Page - Advanced Micro Devices AM29N323D Datasheet HTML 43Page - Advanced Micro Devices AM29N323D Datasheet HTML 44Page - Advanced Micro Devices AM29N323D Datasheet HTML 45Page - Advanced Micro Devices AM29N323D Datasheet HTML 46Page - Advanced Micro Devices AM29N323D Datasheet HTML 47Page - Advanced Micro Devices AM29N323D Datasheet HTML 48Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
August 8, 2002
Am29N323D
45
APPENDIX A: DAISY CHAIN INFORMATION
Table 8.
Daisy Chain Part for 32Mbit 0.23 µm Flash Products (FDD047, 7 x 10 mm)
Table 9.
FDD047 Package Information
Table 10.
FDD047 Connections
Figure 1.
FDD047 Daisy Chain Layout
(Top View, Balls Facing Down)
Daisy Chain Part Number
Package
Marking
Daisy Chain
Connection
32Mb Flash Order Number
Description
AM29N323DWKD11CT
N323DD11C
Die Level
AM29N323DT11AWKIT
32Mbit 40MHz
Component Type/Name
FDD047
Solder resist opening
0.20 + 0.05 mm
Daisy Chain Connection Level
On die
Lead-Free Compliant
No
Quantity per Reel
750
C1–D1
C4–D4
C9–D9
A5–B5
C3–D3
C5–D5
C10–D10
A6–B6
A3–B3
C6–D6
A1–B1
A7–B7
A10–B10
C7–D7
A2–B2
A8–B8
C2–D2
C8–D8
A4–B4
A9–B9
NF1
NF2–NF5
NF16–NF19
NF17–NF20
NF19
NF20
NF5
NF16
NF17
NF2
NF1
A
B
C
D
123456789
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com