Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29N323D Datasheet(PDF) 47 Page - Advanced Micro Devices

Part # AM29N323D
Description  32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29N323D Datasheet(HTML) 47 Page - Advanced Micro Devices

Back Button AM29N323D Datasheet HTML 40Page - Advanced Micro Devices AM29N323D Datasheet HTML 41Page - Advanced Micro Devices AM29N323D Datasheet HTML 42Page - Advanced Micro Devices AM29N323D Datasheet HTML 43Page - Advanced Micro Devices AM29N323D Datasheet HTML 44Page - Advanced Micro Devices AM29N323D Datasheet HTML 45Page - Advanced Micro Devices AM29N323D Datasheet HTML 46Page - Advanced Micro Devices AM29N323D Datasheet HTML 47Page - Advanced Micro Devices AM29N323D Datasheet HTML 48Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
46
Am29N323D
August 8, 2002
REVISION SUMMARY
Notice: This document is not intended for
public release, and is differentiated from
the publicly released version by an “N” in
the publication number. For information
on the publicly released device, the
Am29BDS323, refer to publication 23476,
available at http://www.amd.com/prod-
ucts/nvd/techdocs/23476.pdf.
Revision A (February 15, 2000)
Limited, non-public release.
Revision B (June 20, 2000)
Public release, with the following changes:
Block Diagram
Corrected address range to A0–A20.
Ordering Information
Deleted reference to 54 MHz speed option.
Device Bus Operations table
Split address range column into two columns.
AC Characteristics
Asynchronous Read: In table, changed “falling” to
“rising” in description of tAAVDS. In diagram, modified
tAAVDS and tAAVDH waveforms to reference from the
rising edge of AVD#.
Synchronous/Burst Read table: Added tRDYS, tCEH
specifications.
Erase/Program Operations table, Program Operations
Timings figure, Chip/Sector Erase Operations Timings
figure: Added tAVDP. Added PS waveforms to program
operations timings figure.
Initial Access with Power Savings (PS) and
Address Boundary Latency figure
Modified D0 data to extended to D1.
Erase and Programming Performance
Added typical and maximum accelerated chip pro-
gramming time.
Revision B+1 (August 11, 2000)
Chip Erase Command Sequence
Corrected the command sequence length during
unlock bypass mode from four cycles to two.
Revision B+2 (November 27, 2000)
Global
Changed all 9A (speed option) references to 90A.
Accelerated Program Operation, Program
Command Sequence
Added text indicating that sectors must be unlocked
prior to raising VPP to VID.
AC Characteristics
Figure 9, Burst Mode Read: Corrected RDY waveform
to indicate when PS is enabled, and when RDY is in the
high impedance state.
Figure 14, Accelerated Unlock Bypass Programming
Timing: Modified Note 3 to indicate that sectors must
be unlocked prior to raising VPP to VID.
Revision B+3 (November 30, 2000)
Figure 10, Asynchronous Mode Read
Corrected endpoint for tAAVDS specification.
Figure 16, Toggle Bit Timings
(During Embedded Algorithm)
Corrected OE# waveform during second VA (valid
address) period.
Revision B+4 (December 21, 2000)
Figure 9, Burst Mode Read
Corrected RDY waveform.
Revision B+5 (March 7, 2001)
Global
The 90 ns asynchronous access time specification has
changed to 110 ns. Note that the device now has a new
ordering part number and a new package marking.
Input/Output Descriptions, RESET#: Hardware
Reset Input
Noted that RESET# must be asserted low during
device power-up.
Autoselect Command Sequence
Added extended device ID explanatory text.
Sector Erase Command Sequence, DQ7: Data#
Polling, and DQ6: Toggle Bit I
Added explanatory text to indicate 200 µs wait for first
status read occurring in a different bank than the last
sector selected for erasure in a multiple bank sector
erase command sequence.
Table 4, Command Definitions
Added the extended device ID code to table. Added
corresponding note below table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com