Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29N323D Datasheet(PDF) 26 Page - Advanced Micro Devices

Part # AM29N323D
Description  32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29N323D Datasheet(HTML) 26 Page - Advanced Micro Devices

Back Button AM29N323D Datasheet HTML 22Page - Advanced Micro Devices AM29N323D Datasheet HTML 23Page - Advanced Micro Devices AM29N323D Datasheet HTML 24Page - Advanced Micro Devices AM29N323D Datasheet HTML 25Page - Advanced Micro Devices AM29N323D Datasheet HTML 26Page - Advanced Micro Devices AM29N323D Datasheet HTML 27Page - Advanced Micro Devices AM29N323D Datasheet HTML 28Page - Advanced Micro Devices AM29N323D Datasheet HTML 29Page - Advanced Micro Devices AM29N323D Datasheet HTML 30Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
August 8, 2002
Am29N323D
25
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
Plastic Packages . . . . . . . . . . . . . . . –65°C to +150°C
Ambient Temperature
with Power Applied . . . . . . . . . . . . . –65°C to +125°C
Voltage with Respect to Ground,
All I/Os except VPP (Note 1). . . –0.5 V to VCC + 0.5 V
VCC (Note 1) . . . . . . . . . . . . . . . . . .–0.5 V to +2.5 V
VPP (Note 2) . . . . . . . . . . . . . . . . .–0.5 V to +12.5 V
Output Short Circuit Current (Note 3) . . . . . . 100 mA
Notes:
1. Minimum DC voltage on input or I/Os is –0.5 V. During
voltage transitions, input at I/Os may undershoot VSS to
–2.0 V for periods of up to 20 ns during voltage transitions
inputs might overshooot to VCC +0.5 V for periods up to
20 ns. See Figure 5. Maximum DC voltage on output and
I/Os is VCC + 0.5 V. During voltage transitions outputs
may overshoot to VCC + 2.0 V for periods up to 20 ns. See
Figure 6.
2. Minimum DC input voltage on VPP is –0.5 V. During
voltage transitions, VPP may overshoot VSS to –2.0 V for
periods of up to 20 ns. See Figure 5. Maximum DC input
voltage on VPP is +12.5 V which may overshoot to +13.5
V for periods up to 20 ns.
3. No more than one output may be shorted to ground at a
time. Duration of the short circuit should not be greater
than one second.
4. Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; functional operation of the de-
vice at these or any other conditions above those indi-
cated in the operational sections of this data sheet is not
implied. Exposure of the device to absolute maximum rat-
ing conditions for extended periods may affect device reli-
ability.
Figure 5.
Maximum Negative
Overshoot Waveform
Figure 6.
Maximum Positive
Overshoot Waveform
OPERATING RANGES
Industrial (I) Devices
Ambient Temperature (TA) . . . . . . . . . –25°C to +85°C
VCC Supply Voltages
VCCmin. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +1.7 V
VCCmax . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +1.9 V
Operating ranges define those limits between which the func-
tionality of the device is guaranteed.
20 ns
20 ns
+0.8 V
–0.5 V
20 ns
–2.0 V
20 ns
20 ns
VCC
+2.0 V
VCC
+0.5 V
20 ns
1.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com