Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29N323D Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AM29N323D
Description  32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29N323D Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AM29N323D Datasheet HTML 5Page - Advanced Micro Devices AM29N323D Datasheet HTML 6Page - Advanced Micro Devices AM29N323D Datasheet HTML 7Page - Advanced Micro Devices AM29N323D Datasheet HTML 8Page - Advanced Micro Devices AM29N323D Datasheet HTML 9Page - Advanced Micro Devices AM29N323D Datasheet HTML 10Page - Advanced Micro Devices AM29N323D Datasheet HTML 11Page - Advanced Micro Devices AM29N323D Datasheet HTML 12Page - Advanced Micro Devices AM29N323D Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
8
Am29N323D
August 8, 2002
ORDERING INFORMATION
The order number (Valid Combination) is formed by the following:
Valid Combinations
Valid Combination configuration planned to be supported for this
device.
Note: For daisy chain order part number, refer to see
“Appendix A: Daisy Chain Information” on page 45.
Am29N323D
T
11
A
WK
I
TEMPERATURE RANGE
I
=
Industrial (–25
°C to +85°C)
PACKAGE TYPE
WK
=
47-Ball Fine-Pitch Grid Array (FBGA)
0.50 mm pitch, 7 x 10 mm package (FDD047)
CLOCK RATE
A=
40 MHz
SPEED
See Product Selector Guide and Valid Combination
BOOT CODE SECTOR ARCHITECTURE
T
=
Top sector
DEVICE NUMBER/DESCRIPTION
Am29N323D
32 Megabit (2 M x 16-Bit) CMOS Flash Memory, Simultaneous Read/Write, Burst Mode Flash Memory
1.8 Volt-only Read, Program, and Erase
Valid Combinations
Order Number
Package Marking
Am29N323DT11AWKI
N323DT11AVI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com