Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29N323D Datasheet(PDF) 25 Page - Advanced Micro Devices

Part # AM29N323D
Description  32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29N323D Datasheet(HTML) 25 Page - Advanced Micro Devices

Back Button AM29N323D Datasheet HTML 21Page - Advanced Micro Devices AM29N323D Datasheet HTML 22Page - Advanced Micro Devices AM29N323D Datasheet HTML 23Page - Advanced Micro Devices AM29N323D Datasheet HTML 24Page - Advanced Micro Devices AM29N323D Datasheet HTML 25Page - Advanced Micro Devices AM29N323D Datasheet HTML 26Page - Advanced Micro Devices AM29N323D Datasheet HTML 27Page - Advanced Micro Devices AM29N323D Datasheet HTML 28Page - Advanced Micro Devices AM29N323D Datasheet HTML 29Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
24
Am29N323D
August 8, 2002
device halts the operation, and when the timing limit
has been exceeded, DQ5 produces a “1.”
Under both these conditions, the system must write
the reset command to return to the read mode (or to
the erase-suspend-read mode if a bank was previ-
ously in the erase-suspend-program mode).
DQ3: Sector Erase Timer
After writing a sector erase command sequence, the
system may read DQ3 to determine whether or not
erasure has begun. (The sector erase timer does not
apply to the chip erase command.) If additional sectors
are selected for erasure, the entire time-out also
applies after each additional sector erase command.
When the time-out period is complete, DQ3 switches
from a “0” to a “1.” If the time between additional sector
erase commands from the system can be assumed to
be less than 50 µs, the system need not monitor DQ3.
See also the Sector Erase Command Sequence sec-
tion.
After the sector erase command is written, the system
should read the status of DQ7 (Data# Polling) or DQ6
(Toggle Bit I) to ensure that the device has accepted
the command sequence, and then read DQ3. If DQ3 is
“1,” the Embedded Erase algorithm has begun; all
further commands (except Erase Suspend) are ignored
until the erase operation is complete. If DQ3 is “0,” the
device will accept additional sector erase commands.
To ensure the command has been accepted, the
system software should check the status of DQ3 prior
to and following each subsequent sector erase com-
mand. If DQ3 is high on the second status check, the
last command might not have been accepted.
Table 6 shows the status of DQ3 relative to the other
status bits.
Table 6.
Write Operation Status
Notes:
1. DQ5 switches to ‘1’ when an Embedded Program or Embedded Erase operation has exceeded the maximum timing limits.
Refer to the section on DQ5 for more information.
2. DQ7 and DQ2 require a valid address when reading status information. Refer to the appropriate subsection for further details.
3. When reading write operation status bits, the system must always provide the bank address where the Embedded Algorithm
is in progress. The device outputs array data if the system addresses a non-busy bank.
4. The system may read either asynchronously or synchronously (burst) while in erase suspend. RDY will function exactly as in
non-erase-suspended mode.
Status
DQ7
(Note 2)
DQ6
DQ5
(Note 1)
DQ3
DQ2
(Note 2)
Standard
Mode
Embedded Program Algorithm
DQ7#
Toggle
0
N/A
No toggle
Embedded Erase Algorithm
0
Toggle
0
1
Toggle
Erase
Suspend
Mode
Erase-Suspend-
Read (Note 4)
Erase
Suspended Sector
1
No toggle
0
N/A
Toggle
Non-Erase Suspended
Sector
Data
Data
Data
Data
Data
Erase-Suspend-Program
DQ7#
Toggle
0
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com