Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G07DBVR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G07DBVR
Description  SN74LVC2G07 Dual Buffer and Driver With Open-Drain Outputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G07DBVR Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC2G07DBVR Datasheet HTML 1Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 2Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 3Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 4Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 5Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5
SN74LVC2G07
www.ti.com
SCES308L – AUGUST 2001 – REVISED MAY 2015
Product Folder Links: SN74LVC2G07
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Recommended Operating Conditions
(1)
(continued)
MIN
MAX
UNIT
TA
Operating free-air temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
SN74LVC2G07
UNIT
SOT-23
SC70
DRY (SON)
DSBGA
DSF (SON)
6 PINS
6 PINS
6 PINS
6 PINS
6 PINS
RθJA
Junction-to-ambient thermal resistance
165
259
234
123
300
°C/W
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
6.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
–40°C to 85°C
–40°C to 125°C
UNIT
MIN
TYP(1)
MAX
MIN
TYP(1)
MAX
VOL
IOL = 100 μA
1.65 V to 5.5 V
0.1
0.1
V
IOL = 4 mA
1.65 V
0.45
0.45
IOL = 8 mA
2.3 V
0.3
0.3
IOL = 16 mA
3 V
0.4
0.4
IOL = 24 mA
0.55
0.55
IOL = 32 mA
4.5 V
0.55
0.55
II
A inputs
VI = 5.5 V or GND
0 to 5.5 V
±5
±5
μA
Ioff
VI or VO = 5.5 V
0
±10
±10
μA
ICC
VI = 5.5 V or GND,
IO = 0
1.65 V to 5.5 V
10
10
μA
ΔICC
One input at VCC – 0.6 V,
Other inputs at VCC or GND
3 V to 5.5 V
500
500
μA
CI
VI = VCC or GND
3.3 V
3.5
3.5
pF
6.6 Switching Characteristics from –40°C to 85°C
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
–40°C to 85°C
UNIT
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
VCC = 5 V
± 0.5 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
1.5
8.6
1
4.4
1
3.7
1
2.9
ns
6.7 Switching Characteristics from –40°C to 125°C
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
–40°C to 125°C
UNIT
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
VCC = 5 V
± 0.5 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
1.5
8.6
1
4.9
1
4.2
1
3.4
ns
6.8 Operating Characteristics
TA = 25°C
PARAMETER
TEST CONDITIONS
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
UNIT
TYP
TYP
TYP
TYP
Cpd
Power dissipation capacitance
f = 10 MHz
3
3
4
4
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com