Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G07DBVR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G07DBVR
Description  SN74LVC2G07 Dual Buffer and Driver With Open-Drain Outputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G07DBVR Datasheet(HTML) 17 Page - Texas Instruments

Back Button SN74LVC2G07DBVR Datasheet HTML 13Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 14Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 15Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 16Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 17Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 18Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 19Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 20Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
www.ti.com
PACKAGE OUTLINE
C
6X
0.25
0.15
4X
0.5
5X
0.35
0.25
2X
1
0.6 MAX
0.05
0.00
3X 0.6
0.4
0.3
B
1.05
0.95
A
1.5
1.4
(0.05) TYP
(0.127) TYP
4222894/A 01/2018
USON - 0.6 mm max height
DRY0006A
PLASTIC SMALL OUTLINE - NO LEAD
PIN 1 INDEX AREA
SEATING PLANE
0.08 C
1
3
4
6
(OPTIONAL)
PIN 1 ID
0.1
C A B
0.05
C
SYMM
SYMM
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
SCALE 8.500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com