Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G07DBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G07DBVR
Description  SN74LVC2G07 Dual Buffer and Driver With Open-Drain Outputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G07DBVR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC2G07DBVR Datasheet HTML 1Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 2Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 3Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 4Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 5Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1A
1Y
1
6
2A
2Y
3
4
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN74LVC2G07
SCES308L – AUGUST 2001 – REVISED MAY 2015
SN74LVC2G07 Dual Buffer and Driver With Open-Drain Outputs
1
1 Features
1
•
Dual Open-Drain Buffer Configuration
•
-24-mA Output Drive at 3.3 V
•
Support Translation-Up and Down
•
Available in the Texas Instruments
NanoFree™ Package
•
Supports 5-V VCC Operation
•
Inputs and Open-Drain Outputs Accept Voltages
Up to 5.5 V
•
Max tpd of 3.7 ns at 3.3 V
•
Low Power Consumption, 10-μA Max ICC
•
Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
•
Typical VOHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
•
Ioff Supports Live Insertion, Partial-Power-Down
Mode, and Back-Drive Protection
•
Latch-Up Performance Exceeds 100 mA
Per JESD 78, Class II
•
ESD Protection Exceeds JESD 22
–
2000-V Human-Body Model (A114-A)
–
200-V Machine Model (A115-A)
–
1000-V Charged-Device Model (C101)
2 Applications
•
Blu-ray Players and Home Theaters
•
DVD Recorders and Players
•
Desktops or Notebook PCs
•
Digital Video Cameras (DVC)
•
Embedded PCs
•
GPS: Personal Navigation Devices
•
Mobile Phones
•
Network Projector Front Ends
•
Portable Media Players
•
Solid State Drive (SSD): Enterprise
•
High-Definition (HDTV)
•
Tablet: Enterprise
•
Audio Dock: Portable
•
DLP Front Projection System
3 Description
This dual buffer and driver is designed for 1.65-V to
5.5-V
VCC
operation.
The
output
of
the
SN74LVC2G07 device is open drain and can be
connected to other open-drain outputs to implement
active-low
wired-OR
or
active-high
wired-AND
functions. The maximum sink current is 32 mA.
NanoFree package technology is a major
breakthrough in IC packaging concepts, using the die
as the package.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
outputs,
preventing
damaging
current
backflow
through the device when it is powered down.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74LVC2G07
SOT-23 (6)
2.90 mm × 1.60 mm
SC70 (6)
2.00 mm × 1.25 mm
DRY SON (6)
1.45 mm × 1.00 mm
DSF SON (6)
1.00 mm × 1.00 mm
DSBGA (6)
1.41 mm × 0.91 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Functional Block Diagram


Similar Part No. - SN74LVC2G07DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G07DBVR TI-SN74LVC2G07DBVR Datasheet
364Kb / 13P
DUAL BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC2G07DBVR TI-SN74LVC2G07DBVR Datasheet
496Kb / 13P
DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07DBVR TI1-SN74LVC2G07DBVR Datasheet
1Mb / 28P
Dual Buffer and Driver With Open-Drain Outputs
SN74LVC2G07DBVR TI-SN74LVC2G07DBVR Datasheet
1Mb / 30P
LAUNCHXL-F28379D Overview
2016-2019
logo
Guangdong Youtai Semico...
SN74LVC2G07DBVR UMW-SN74LVC2G07DBVR Datasheet
719Kb / 9P
SN74LVC2G07
More results

Similar Description - SN74LVC2G07DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G07 TI-SN74LVC2G07 Datasheet
364Kb / 13P
DUAL BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74AUC2G07 TI-SN74AUC2G07 Datasheet
299Kb / 11P
DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC2G06 TI-SN74AUC2G06 Datasheet
341Kb / 13P
DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07 TI-SN74LVC2G07_07 Datasheet
496Kb / 13P
DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC2G07 TI-SN74AUC2G07_09 Datasheet
602Kb / 13P
DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07-EP TI1-SN74LVC2G07-EP Datasheet
312Kb / 9P
DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07MDCKTEP TI-SN74LVC2G07MDCKTEP Datasheet
310Kb / 11P
DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07 TI1-SN74LVC2G07_15 Datasheet
1Mb / 28P
Dual Buffer and Driver With Open-Drain Outputs
SN74LVC2G06 TI1-SN74LVC2G06_15 Datasheet
1Mb / 28P
Dual Inverter Buffer and Driver With Open-Drain Outputs
SN74LVC2G07-EP TI1-SN74LVC2G07-EP_14 Datasheet
708Kb / 11P
DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com