Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G07DBVR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G07DBVR
Description  SN74LVC2G07 Dual Buffer and Driver With Open-Drain Outputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G07DBVR Datasheet(HTML) 18 Page - Texas Instruments

Back Button SN74LVC2G07DBVR Datasheet HTML 14Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 15Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 16Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 17Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 18Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 19Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 20Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 21Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.05 MIN
ALL AROUND
0.05 MAX
ALL AROUND
5X (0.3)
6X (0.2)
4X (0.5)
(0.6)
(R0.05) TYP
(0.35)
4222894/A 01/2018
USON - 0.6 mm max height
DRY0006A
PLASTIC SMALL OUTLINE - NO LEAD
SYMM
1
3
4
6
SYMM
LAND PATTERN EXAMPLE
1:1 RATIO WITH PKG SOLDER PADS
EXPOSED METAL SHOWN
SCALE:40X
NOTES: (continued)
3. For more information, see QFN/SON PCB application report in literature No. SLUA271 (www.ti.com/lit/slua271).
METAL
SOLDER MASK
OPENING
SOLDER MASK DETAILS
NON SOLDER MASK
DEFINED
EXPOSED
METAL
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
(PREFERRED)
EXPOSED
METAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com