Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G07DBVR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G07DBVR
Description  SN74LVC2G07 Dual Buffer and Driver With Open-Drain Outputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G07DBVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LVC2G07DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 9Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 10Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 11Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 12Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 13Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
VCC
Unused Input
Input
Output
Output
Input
Unused Input
Vcc - V
0
1
2
3
4
5
6
0
1
2
3
4
5
6
D002
TPD
10
SN74LVC2G07
SCES308L – AUGUST 2001 – REVISED MAY 2015
www.ti.com
Product Folder Links: SN74LVC2G07
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Typical Application (continued)
9.2.3 Application Curve
Figure 4. TPD Across VCC at 25°C
10 Power Supply Recommendations
The power supply can be any voltage between the minimum and maximum supply voltage rating located in the
Recommended Operating Conditions table.
Each VCC pin should have a good bypass capacitor to prevent power disturbance. For devices with a single
supply a 0.1-μF capacitor is recommended and if there are multiple VCC pins then a 0.01-μF or 0.022-μF
capacitor is recommended for each power pin. It is ok to parallel multiple bypass caps to reject different
frequencies of noise. 0.1-μF and 1-μF capacitors are commonly used in parallel. The bypass capacitor should be
installed as close to the power pin as possible for best results.
11 Layout
11.1 Layout Guidelines
When using multiple bit logic devices inputs should not ever float. In many cases, functions or parts of functions
of digital logic devices are unused; for example, when only two inputs of a triple-input AND gate are used or only
3 of the 4 buffer gates are used. Such input pins should not be left unconnected because the undefined voltages
at the outside connections result in undefined operational states. Specified below are the rules that must be
observed under all circumstances. All unused inputs of digital logic devices must be connected to a high or low
bias to prevent them from floating. The logic level that should be applied to any particular unused input depends
on the function of the device. Generally they will be tied to GND or VCC whichever make more sense or is more
convenient.
11.2 Layout Examples
Figure 5. Layout Examples for SN74LVC2G07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com