Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G07DBVR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G07DBVR
Description  SN74LVC2G07 Dual Buffer and Driver With Open-Drain Outputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G07DBVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LVC2G07DBVR Datasheet HTML 3Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 4Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 5Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 9Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 10Page - Texas Instruments SN74LVC2G07DBVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
t
h
t
su
From Output
Under Test
C
(see Note A)
L
LOAD CIRCUIT
S1
V
LOAD
Open
GND
R
L
Data Input
Timing Input
0 V
0 V
0 V
t
W
Input
0 V
Input
Output
Waveform 1
S1 at V
(see Note B)
LOAD
Output
Waveform 2
S1 at GND
(see Note B)
V
OL
V
OH
0 V
≈0 V
Output
Output
TEST
S1
Output
Control
V
M
V
M
V
M
V
M
V
M
1.8 V
0.15 V
±
2.5 V
0.2 V
±
3.3 V
0.3 V
±
5 V
0.5 V
±
1 k
Ω
500
Ω
500
Ω
500
Ω
V
CC
R
L
2 × V
CC
2 × V
CC
6 V
2 × V
CC
V
LOAD
C
L
30 pF
30 pF
50 pF
50 pF
0.15 V
0.15 V
0.3 V
0.3 V
V∆
3 V
V
I
V
CC/2
V
CC/2
1.5 V
V
CC/2
V
M
≤2 ns
≤2 ns
≤2.5 ns
≤2.5 ns
INPUTS
R
L
t /t
r
f
V
CC
V
CC
V
CC
t
(see Notes E and F)
PZL
V
LOAD
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
NOTES: A. C includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators have the following characteristics: PRR
10 MHz, Z = 50
.
D. The outputs are measured one at a time, with one transition per measurement.
L
O
≤
Ω
E. Because this device has open-drain outputs, t
and t
are the same as t .
F. t
is measured at V .
G. t
is measured at V
+ V .
H. All parameters and waveforms are not applicable to all devices.
PLZ
PZL
PD
PZL
M
PLZ
OL
∆
VOLTAGE WAVEFORMS
PULSE DURATION
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
V
I
V
I
V
I
V
M
V
M
V
/2
LOAD
t
PZL
t
PLZ
t
PHZ
t
PZH
V
– V
OH
∆
V
+ V
OL
∆
V
M
V
M
V
M
V
M
V
OL
V
OH
V
I
V
I
V
OH
V
OL
V
M
V
M
V
M
V
M
t
PLH
t
PHL
t
PLH
t
PHL
t
(see Notes E and G)
PLZ
V
LOAD
t
/t
PHZ
PZH
V
LOAD
7
SN74LVC2G07
www.ti.com
SCES308L – AUGUST 2001 – REVISED MAY 2015
Product Folder Links: SN74LVC2G07
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
7 Parameter Measurement Information
7.1 (Open-Drain)
Figure 2. Load Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com