Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA2L1AB2DFM Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFM
Description  Ultra low power 48 MHz Arm짰 Cortex-M23 core, up to 256-KB code flash memory
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFM Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFM Datasheet HTML 26Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 27Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 28Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 29Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 30Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 31Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 32Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 33Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 110 page
background image
Table 2.10
Operating and standby current (1) (2 of 2)
Conditions: VCC = AVCC0 = 1.6 to 5.5 V
Parameter
Symbol
LDO mode
DCDC
mode*12
Unit
Test
Conditions
Typ*10 Max
Typ*10 Max
Supply
current*1
Middle-
speed
mode*2
Normal
mode
All peripheral
clocks disabled,
CoreMark code
executing from
flash*5
ICLK = 24 MHz
ICC
2.80
—
1.65
—
mA
*7
ICLK = 4 MHz
0.90
—
0.55
—
All peripheral
clocks enabled,
code executing
from flash*5
ICLK = 24 MHz
—
10.0
—
8.8
*8
Sleep
mode
All peripheral
clocks disabled*5
ICLK = 24 MHz
0.70
—
0.45
—
*7
ICLK = 4 MHz
0.55
—
0.35
—
All peripheral
clocks enabled*5
ICLK = 24 MHz
3.50
—
2.10
—
*8
ICLK = 4 MHz
0.95
—
0.60
—
Increase during BGO operation*6
2.00
—
1.65
—
—
Supply
current*1
Low-
speed
mode*3
Normal
mode
All peripheral
clocks disabled,
CoreMark code
executing from
flash*5
ICLK = 2 MHz
ICC
0.33
—
—
—
mA
*7
All peripheral
clocks enabled,
code executing
from flash*5
ICLK = 2 MHz
—
3.1
—
—
*8
Sleep
mode
All peripheral
clocks disabled*5
ICLK = 2 MHz
0.13
—
—
—
*7
All peripheral
clocks enabled*5
ICLK = 2 MHz
0.35
—
—
—
*8
Subosc-
speed
mode*4
Normal
mode
All peripheral
clocks enabled,
code executing
from flash*5
ICLK = 32.768
kHz
ICC
—
540
—
—
µA
*8
Sleep
mode
All peripheral
clocks disabled*5
ICLK = 32.768
kHz
2.00
—
—
—
*8
All peripheral
clocks enabled*5
ICLK = 32.768
kHz
5.85
—
—
—
*8
Note 1. Supply current values do not include output charge/discharge current from all pins. The values apply when internal pull-up MOSs
are in the off state.
In LDO mode, the supply current is total current flowing into VCC.
In DCDC mode, the supply current is total current flowing into VCC and VCC_DCDC.
Note 2. The clock source is HOCO.
Note 3. The clock source is MOCO.
Note 4. The clock source is the sub-clock oscillator.
Note 5. This does not include BGO and A/D operation.
Note 6. This is the increase for programming or erasure of the flash memory for data storage during program execution.
Note 7. PCLKB and PCLKD are set to divided by 64.
Note 8. PCLKB and PCLKD are the same frequency as that of ICLK.
Note 9. PCLKB are set to be divided by 2 and PCLKD is the same frequency as that of ICLK.
Note 10. VCC = 3.3 V.
Note 11. The prefetch is operating.
Note 12. VCC = AVCC0 = VCC_DCDC = 2.4 to 5.5 V
RA2L1 Datasheet
2. Electrical Characteristics
R01DS0385EJ0100 Rev.1.00
Aug 06, 2020
Page 30 of 110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com