Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA2L1AB2DFM Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFM
Description  Ultra low power 48 MHz Arm짰 Cortex-M23 core, up to 256-KB code flash memory
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFM Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFM Datasheet HTML 30Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 31Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 32Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 33Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 34Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 35Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 36Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 37Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 110 page
background image
Table 2.18
Operation frequency in Subosc-speed mode
Conditions: VCC = AVCC0 = 1.6 to 5.5 V
Parameter
Symbol
Min
Typ
Max
Unit
Operation
frequency
System clock (ICLK)*1*3
1.6 to 5.5 V
f
27.8528
32.768
37.6832
kHz
Peripheral module clock (PCLKB) *3
1.6 to 5.5 V
—
—
37.6832
Peripheral module clock (PCLKD)*2 *3
1.6 to 5.5 V
—
—
37.6832
Note 1. Programming and erasing the flash memory is not possible.
Note 2. The ADC12 cannot be used.
Note 3. See section x, Clock Generation Circuit for the relationship of frequencies between ICLK, PCLKB, and PCLKD.
2.3.2
Clock Timing
Table 2.19
Clock timing
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
EXTAL external clock input cycle time
tXcyc
50
—
—
ns
Figure 2.3
EXTAL external clock input high pulse width
tXH
20
—
—
ns
EXTAL external clock input low pulse width
tXL
20
—
—
ns
EXTAL external clock rising time
tXr
—
—
5
ns
EXTAL external clock falling time
tXf
—
—
5
ns
EXTAL external clock input wait time*1
tEXWT
0.3
—
—
µs
—
EXTAL external clock input frequency
fEXTAL
—
—
20
MHz
1.8 ≤ VCC ≤ 5.5
—
—
4
1.6 ≤ VCC < 1.8
Main clock oscillator oscillation frequency
fMAIN
1
—
20
MHz
1.8 ≤ VCC ≤ 5.5
1
—
4
1.6 ≤ VCC < 1.8
LOCO clock oscillation frequency
fLOCO
27.8528
32.768
37.6832
kHz
—
LOCO clock oscillation stabilization time
tLOCO
—
—
100
µs
Figure 2.4
IWDT-dedicated clock oscillation frequency
fILOCO
12.75
15
17.25
kHz
—
MOCO clock oscillation frequency
fMOCO
6.8
8
9.2
MHz
—
MOCO clock oscillation stabilization time
tMOCO
—
—
1
µs
—
HOCO clock oscillation frequency
fHOCO24
23.76
24
24.24
MHz
Ta = -40 to 105°C
1.6 ≤ VCC ≤ 5.5
fHOCO32
31.68
32
32.32
Ta = -40 to 105°C
1.6 ≤ VCC ≤ 5.5
fHOCO48
47.52
48
48.48
Ta = -40 to 105°C
1.6 ≤ VCC ≤ 5.5
fHOCO64
63.36
64
64.64
Ta = -40 to 105°C
1.6 ≤ VCC ≤ 5.5
HOCO clock oscillation stabilization time*3 *4
tHOCO24
tHOCO32
tHOCO48
tHOCO64
—
1.9
—
µs
Figure 2.5
Sub-clock oscillator oscillation frequency
fSUB
—
32.768
—
kHz
—
Sub-clock oscillation stabilization time*2
tSUBOSC
—
0.5
—
s
Figure 2.6
Note 1. Time until the clock can be used after the Main Clock Oscillator stop bit (MOSCCR.MOSTP) is set to 0 (operating) when the
external clock is stable.
Note 2. After changing the setting of the SOSCCR.SOSTP bit to start sub-clock oscillator operation, only start using the sub-clock oscillator
after the sub-clock oscillation stabilization wait time elapsed. Use the oscillator wait time value recommended by the oscillator
manufacturer.
RA2L1 Datasheet
2. Electrical Characteristics
R01DS0385EJ0100 Rev.1.00
Aug 06, 2020
Page 34 of 110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com