Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA2L1AB2DFM Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFM
Description  Ultra low power 48 MHz Arm짰 Cortex-M23 core, up to 256-KB code flash memory
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFM Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFM Datasheet HTML 94Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 95Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 96Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 97Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 98Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 99Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 100Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 101Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 110 page
background image
Table 3.4
Register description (6 of 15)
Peripheral
name
Dim
Dim
inc.
Dim
index
Register
name
Description
Address
offset
Size R/W
Reset value
Reset mask
RTC
—
—
—
RYRCNT
Year Counter
0x0E
16
R/W
0x0000
0xFF00
RTC
4
0x02
0-3
BCNT%sAR
Binary Counter %s Alarm Register
0x10
8
R/W
0x00
0x00
RTC
—
—
—
RSECAR
Second Alarm Register (in Calendar Count
Mode)
0x10
8
R/W
0x00
0x00
RTC
—
—
—
RMINAR
Minute Alarm Register (in Calendar Count
Mode)
0x12
8
R/W
0x00
0x00
RTC
—
—
—
RHRAR
Hour Alarm Register (in Calendar Count
Mode)
0x14
8
R/W
0x00
0x00
RTC
—
—
—
RWKAR
Day-of-Week Alarm Register (in Calendar
Count Mode)
0x16
8
R/W
0x00
0x00
RTC
2
0x02
0-1
BCNT%sAER
Binary Counter %s Alarm Enable Register
0x18
8
R/W
0x00
0x00
RTC
—
—
—
RDAYAR
Date Alarm Register (in Calendar Count
Mode)
0x18
8
R/W
0x00
0x00
RTC
—
—
—
RMONAR
Month Alarm Register (in Calendar Count
Mode)
0x1A
8
R/W
0x00
0x00
RTC
—
—
—
BCNT2AER
Binary Counter 2 Alarm Enable Register
0x1C
16
R/W
0x0000
0xFF00
RTC
—
—
—
RYRAR
Year Alarm Register (in Calendar Count
Mode)
0x1C
16
R/W
0x0000
0xFF00
RTC
—
—
—
BCNT3AER
Binary Counter 3 Alarm Enable Register
0x1E
8
R/W
0x00
0x00
RTC
—
—
—
RYRAREN
Year Alarm Enable Register (in Calendar
Count Mode)
0x1E
8
R/W
0x00
0x00
RTC
—
—
—
RCR1
RTC Control Register 1
0x22
8
R/W
0x00
0x0A
RTC
—
—
—
RCR2
RTC Control Register 2 (in Calendar Count
Mode)
0x24
8
R/W
0x00
0x0E
RTC
—
—
—
RCR2
RTC Control Register 2 (in Binary Count
Mode)
0x24
8
R/W
0x00
0x0E
RTC
—
—
—
RCR4
RTC Control Register 4
0x28
8
R/W
0x00
0x7E
RTC
—
—
—
RFRH
Frequency Register H
0x2A
16
R/W
0x0000
0xFFFE
RTC
—
—
—
RFRL
Frequency Register L
0x2C
16
R/W
0x0000
0x0000
RTC
—
—
—
RADJ
Time Error Adjustment Register
0x2E
8
R/W
0x00
0x00
WDT
—
—
—
WDTRR
WDT Refresh Register
0x00
8
R/W
0xFF
0xFF
WDT
—
—
—
WDTCR
WDT Control Register
0x02
16
R/W
0x0000
0xFFFF
WDT
—
—
—
WDTSR
WDT Status Register
0x04
16
R/W
0x0000
0xFFFF
WDT
—
—
—
WDTRCR
WDT Reset Control Register
0x06
8
R/W
0x80
0xFF
WDT
—
—
—
WDTCSTPR
WDT Count Stop Control Register
0x08
8
R/W
0x80
0xFF
IWDT
—
—
—
IWDTRR
IWDT Refresh Register
0x00
8
R/W
0xFF
0xFF
IWDT
—
—
—
IWDTSR
IWDT Status Register
0x04
16
R/W
0x0000
0xFFFF
CAC
—
—
—
CACR0
CAC Control Register 0
0x00
8
R/W
0x00
0xFF
CAC
—
—
—
CACR1
CAC Control Register 1
0x01
8
R/W
0x00
0xFF
CAC
—
—
—
CACR2
CAC Control Register 2
0x02
8
R/W
0x00
0xFF
CAC
—
—
—
CAICR
CAC Interrupt Control Register
0x03
8
R/W
0x00
0xFF
CAC
—
—
—
CASTR
CAC Status Register
0x04
8
R
0x00
0xFF
CAC
—
—
—
CAULVR
CAC Upper-Limit Value Setting Register
0x06
16
R/W
0x0000
0xFFFF
CAC
—
—
—
CALLVR
CAC Lower-Limit Value Setting Register
0x08
16
R/W
0x0000
0xFFFF
CAC
—
—
—
CACNTBR
CAC Counter Buffer Register
0x0A
16
R
0x0000
0xFFFF
MSTP
—
—
—
MSTPCRB
Module Stop Control Register B
0x000
32
R/W
0xFFFFFFFF
0xFFFFFFFF
MSTP
—
—
—
MSTPCRC
Module Stop Control Register C
0x004
32
R/W
0xFFFFFFFF
0xFFFFFFFF
MSTP
—
—
—
MSTPCRD
Module Stop Control Register D
0x008
32
R/W
0xFFFFFFFF
0xFFFFFFFF
MSTP
—
—
—
LSMRWDIS
Low Speed Module R/W Disable Control
Register
0x00C
16
R/W
0x0000
0xFFFF
RA2L1 Datasheet
Appendix 3. I/O Registers
R01DS0385EJ0100 Rev.1.00
Aug 06, 2020
Page 98 of 110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com