Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA2L1AB2DFM Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFM
Description  Ultra low power 48 MHz Arm짰 Cortex-M23 core, up to 256-KB code flash memory
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFM Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFM Datasheet HTML 89Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 90Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 91Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 92Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 93Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 94Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 95Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 96Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 110 page
background image
Table 3.3
Access cycles for GPT modules (2 of 2)
Frequency ratio between ICLK
and PCLK
Number of access cycles
Cycle unit
Read
Write
PCLKD > ICLK > PCLKB
2 to 3
1 to 2
PCLKB
3.3
Register Descriptions
This section provides information associated with registers described in this manual.
Table 3.4 shows a list of registers including address offsets, address sizes, access rights, and reset values.
Table 3.4
Register description (1 of 15)
Peripheral
name
Dim
Dim
inc.
Dim
index
Register
name
Description
Address
offset
Size R/W
Reset value
Reset mask
MPU
—
—
—
MMPUCTLA
Bus Master MPU Control Register
0x000
16
R/W
0x0000
0xFFFF
MPU
—
—
—
MMPUPTA
Group A Protection of Register
0x102
16
R/W
0x0000
0xFFFF
MPU
4
0x010 0-3
MMPUACA%s
Group A Region %s access control
register
0x200
16
R/W
0x0000
0xFFFF
MPU
4
0x010 0-3
MMPUSA%s
Group A Region %s Start Address
Register
0x204
32
R/W
0x00000000
0x00000003
MPU
4
0x010 0-3
MMPUEA%s
Group A Region %s End Address Register
0x208
32
R/W
0x00000003
0x00000003
MPU
—
—
—
SMPUCTL
Slave MPU Control Register
0xC00
16
R/W
0x0000
0xFFFF
MPU
—
—
—
SMPUMBIU
Access Control Register for Memory Bus 1 0xC10
16
R/W
0x0000
0xFFFF
MPU
—
—
—
SMPUFBIU
Access Control Register for Internal
Peripheral Bus 9
0xC14
16
R/W
0x0000
0xFFFF
MPU
—
—
—
SMPUSRAM0
Access Control Register for Memory Bus 4 0xC18
16
R/W
0x0000
0xFFFF
MPU
—
—
—
SMPUP0BIU
Access Control Register for Internal
Peripheral Bus 1
0xC20
16
R/W
0x0000
0xFFFF
MPU
—
—
—
SMPUP2BIU
Access Control Register for Internal
Peripheral Bus 3
0xC24
16
R/W
0x0000
0xFFFF
MPU
—
—
—
SMPUP6BIU
Access Control Register for Internal
Peripheral Bus 7
0xC28
16
R/W
0x0000
0xFFFF
MPU
—
—
—
MSPMPUOAD
Stack Pointer Monitor Operation After
Detection Register
0xD00
16
R/W
0x0000
0xFFFF
MPU
—
—
—
MSPMPUCTL
Stack Pointer Monitor Access Control
Register
0xD04
16
R/W
0x0000
0xFEFF
MPU
—
—
—
MSPMPUPT
Stack Pointer Monitor Protection Register
0xD06
16
R/W
0x0000
0xFFFF
MPU
—
—
—
MSPMPUSA
Main Stack Pointer (MSP) Monitor Start
Address Register
0xD08
32
R/W
0x00000000
0x00000000
MPU
—
—
—
MSPMPUEA
Main Stack Pointer (MSP) Monitor End
Address Register
0xD0C
32
R/W
0x00000000
0x00000000
MPU
—
—
—
PSPMPUOAD
Stack Pointer Monitor Operation After
Detection Register
0xD10
16
R/W
0x0000
0xFFFF
MPU
—
—
—
PSPMPUCTL
Stack Pointer Monitor Access Control
Register
0xD14
16
R/W
0x0000
0xFEFF
MPU
—
—
—
PSPMPUPT
Stack Pointer Monitor Protection Register
0xD16
16
R/W
0x0000
0xFFFF
MPU
—
—
—
PSPMPUSA
Process Stack Pointer (PSP) Monitor Start
Address Register
0xD18
32
R/W
0x00000000
0x00000000
MPU
—
—
—
PSPMPUEA
Process Stack Pointer (PSP) Monitor End
Address Register
0xD1C
32
R/W
0x00000000
0x00000000
SRAM
—
—
—
PARIOAD
SRAM Parity Error Operation After
Detection Register
0x00
8
R/W
0x00
0xFF
SRAM
—
—
—
SRAMPRCR
SRAM Protection Register
0x04
8
R/W
0x00
0xFF
SRAM
—
—
—
ECCMODE
ECC Operating Mode Control Register
0xC0
8
R/W
0x00
0xFF
SRAM
—
—
—
ECC2STS
ECC 2-Bit Error Status Register
0xC1
8
R/W
0x00
0xFF
SRAM
—
—
—
ECC1STSEN
ECC 1-Bit Error Information Update
Enable Register
0xC2
8
R/W
0x00
0xFF
RA2L1 Datasheet
Appendix 3. I/O Registers
R01DS0385EJ0100 Rev.1.00
Aug 06, 2020
Page 93 of 110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com