Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA2L1AB2DFM Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFM
Description  Ultra low power 48 MHz Arm짰 Cortex-M23 core, up to 256-KB code flash memory
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFM Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFM Datasheet HTML 67Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 68Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 69Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 70Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 71Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 72Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 73Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 74Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 110 page
background image
Table 2.47
Power-on reset circuit and voltage detection circuit characteristics (1) (2 of 2)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Voltage detection
level*1
Voltage detection
circuit (LVD1)*3
When power supply rise
Vdet1_0
4.23
4.39
4.55
V
Figure 2.45
At falling edge
VCC
When power supply fall
4.13
4.29
4.45
When power supply rise
Vdet1_1
4.07
4.25
4.39
When power supply fall
3.98
4.16
4.30
When power supply rise
Vdet1_2
3.97
4.14
4.29
When power supply fall
3.86
4.03
4.18
When power supply rise
Vdet1_3
3.74
3.92
4.06
When power supply fall
3.68
3.86
4.00
When power supply rise
Vdet1_4
3.05
3.17
3.29
When power supply fall
2.98
3.10
3.22
When power supply rise
Vdet1_5
2.95
3.06
3.17
When power supply fall
2.89
3.00
3.11
When power supply rise
Vdet1_6
2.86
2.97
3.08
When power supply fall
2.79
2.90
3.01
When power supply rise
Vdet1_7
2.74
2.85
2.96
When power supply fall
2.68
2.79
2.90
Voltage detection
level*1
Voltage detection
circuit (LVD1)*3
When power supply rise
Vdet1_8
2.63
2.75
2.85
V
Figure 2.45
At falling edge
VCC
When power supply fall
2.58
2.68
2.78
When power supply rise
Vdet1_9
2.54
2.64
2.75
When power supply fall
2.48
2.58
2.68
When power supply rise
Vdet1_A
2.43
2.53
2.63
When power supply fall
2.38
2.48
2.58
When power supply rise
Vdet1_B
2.16
2.26
2.36
When power supply fall
2.10
2.20
2.30
When power supply rise
Vdet1_C
1.88
2
2.09
When power supply fall
1.84
1.96
2.05
When power supply rise
Vdet1_D
1.78
1.9
1.99
When power supply fall
1.74
1.86
1.95
When power supply rise
Vdet1_E
1.67
1.79
1.88
When power supply fall
1.63
1.75
1.84
When power supply rise
Vdet1_F
1.65
1.7
1.78
When power supply fall
1.60
1.65
1.73
Voltage detection
level*1
Voltage detection
circuit (LVD2)*4
When power supply rise
Vdet2_0
4.20
4.40
4.57
V
Figure 2.46
At falling edge
VCC
When power supply fall
4.11
4.31
4.48
When power supply rise
Vdet2_1
4.05
4.25
4.42
When power supply fall
3.97
4.17
4.34
When power supply rise
Vdet2_2
3.91
4.11
4.28
When power supply fall
3.83
4.03
4.20
When power supply rise
Vdet2_3
3.71
3.91
4.08
When power supply fall
3.64
3.84
4.01
Note 1. These characteristics apply when noise is not superimposed on the power supply. When a setting causes this voltage detection
level to overlap with that of the voltage detection circuit, it cannot be specified whether LVD1 or LVD2 is used for voltage detection.
RA2L1 Datasheet
2. Electrical Characteristics
R01DS0385EJ0100 Rev.1.00
Aug 06, 2020
Page 71 of 110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com