Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA2L1AB2DFM Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFM
Description  Ultra low power 48 MHz Arm짰 Cortex-M23 core, up to 256-KB code flash memory
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFM Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFM Datasheet HTML 92Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 93Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 94Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 95Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 96Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 97Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 98Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 99Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 110 page
background image
Table 3.4
Register description (4 of 15)
Peripheral
name
Dim
Dim
inc.
Dim
index
Register
name
Description
Address
offset
Size R/W
Reset value
Reset mask
PORT1-2
—
—
—
PIDR
Port Control Register 2
0x006
16
R
0x0000
0x0000
PORT1-2
—
—
—
PCNTR3
Port Control Register 3
0x008
32
W
0x00000000
0xFFFFFFFF
PORT1-2
—
—
—
PORR
Port Control Register 3
0x008
16
W
0x0000
0xFFFF
PORT1-2
—
—
—
POSR
Port Control Register 3
0x00A
16
W
0x0000
0xFFFF
PORT1-2
—
—
—
PCNTR4
Port Control Register 4
0x00C
32
R/W
0x00000000
0xFFFFFFFF
PORT1-2
—
—
—
EORR
Port Control Register 4
0x00C
16
R/W
0x0000
0xFFFF
PORT1-2
—
—
—
EOSR
Port Control Register 4
0x00E
16
R/W
0x0000
0xFFFF
PFS
9
0x4
0-8
P00%sPFS
Port 00%s Pin Function Select Register
0x000
32
R/W
0x00000000
0xFFFFFFFD
PFS
9
0x4
0-8
P00%sPFS_HA
Port 00%s Pin Function Select Register
0x002
16
R/W
0x0000
0xFFFD
PFS
9
0x4
0-8
P00%sPFS_BY
Port 00%s Pin Function Select Register
0x003
8
R/W
0x00
0xFD
PFS
6
0x4
10-15
P0%sPFS
Port 0%s Pin Function Select Register
0x028
32
R/W
0x00000000
0xFFFFFFFD
PFS
6
0x4
10-15
P0%sPFS_HA
Port 0%s Pin Function Select Register
0x02A
16
R/W
0x0000
0xFFFD
PFS
6
0x4
10-15
P0%sPFS_BY
Port 0%s Pin Function Select Register
0x02B
8
R/W
0x00
0xFD
PFS
8
0x4
0-7
P10%sPFS
Port 10%s Pin Function Select Register
0x040
32
R/W
0x00000000
0xFFFFFFFD
PFS
8
0x4
0-7
P10%sPFS_HA
Port 10%s Pin Function Select Register
0x042
16
R/W
0x0000
0xFFFD
PFS
8
0x4
0-7
P10%sPFS_BY
Port 10%s Pin Function Select Register
0x043
8
R/W
0x00
0xFD
PFS
—
—
—
P108PFS
Port 108 Pin Function Select Register
0x060
32
R/W
0x00010010
0xFFFFFFFD
PFS
—
—
—
P108PFS_HA
Port 108 Pin Function Select Register
0x062
16
R/W
0x0010
0xFFFD
PFS
—
—
—
P108PFS_BY
Port 108 Pin Function Select Register
0x063
8
R/W
0x10
0xFD
PFS
—
—
—
P109PFS
Port 109 Pin Function Select Register
0x064
32
R/W
0x00000000
0xFFFFFFFD
PFS
—
—
—
P109PFS_HA
Port 109 Pin Function Select Register
0x066
16
R/W
0x0000
0xFFFD
PFS
—
—
—
P109PFS_BY
Port 109 Pin Function Select Register
0x067
8
R/W
0x00
0xFD
PFS
6
0x4
10-15
P1%sPFS
Port 1%s Pin Function Select Register
0x068
32
R/W
0x00000000
0xFFFFFFFD
PFS
6
0x4
10-15
P1%sPFS_HA
Port 1%s Pin Function Select Register
0x06A
16
R/W
0x0000
0xFFFD
PFS
6
0x4
10-15
P1%sPFS_BY
Port 1%s Pin Function Select Register
0x06B
8
R/W
0x00
0xFD
PFS
—
—
—
P200PFS
Port 200 Pin Function Select Register
0x080
32
R/W
0x00000000
0xFFFFFFFD
PFS
—
—
—
P200PFS_HA
Port 200 Pin Function Select Register
0x082
16
R/W
0x0000
0xFFFD
PFS
—
—
—
P200PFS_BY
Port 200 Pin Function Select Register
0x083
8
R/W
0x00
0xFD
PFS
—
—
—
P201PFS
Port 201 Pin Function Select Register
0x084
32
R/W
0x00000010
0xFFFFFFFD
PFS
—
—
—
P201PFS_HA
Port 201 Pin Function Select Register
0x086
16
R/W
0x0010
0xFFFD
PFS
—
—
—
P201PFS_BY
Port 201 Pin Function Select Register
0x087
8
R/W
0x10
0xFD
PFS
7
0x4
2-8
P20%sPFS
Port 20%s Pin Function Select Register
0x088
32
R/W
0x00000000
0xFFFFFFFD
PFS
7
0x4
2-8
P20%sPFS_HA
Port 20%s Pin Function Select Register
0x08A
16
R/W
0x0000
0xFFFD
PFS
7
0x4
2-8
P20%sPFS_BY
Port 20%s Pin Function Select Register
0x08B
8
R/W
0x00
0xFD
PFS
4
0x4
12-15
P2%sPFS
Port 2%s Pin Function Select Register
0x0B0
32
R/W
0x00000000
0xFFFFFFFD
PFS
4
0x4
12-15
P2%sPFS_HA
Port 2%s Pin Function Select Register
0x0B2
16
R/W
0x0000
0xFFFD
PFS
4
0x4
12-15
P2%sPFS_BY
Port 2%s Pin Function Select Register
0x0B3
8
R/W
0x00
0xFD
PFS
—
—
—
P300PFS
Port 300 Pin Function Select Register
0x0C0
32
R/W
0x00010000
0xFFFFFFFD
PFS
—
—
—
P300PFS_HA
Port 300 Pin Function Select Register
0x0C2
16
R/W
0x0000
0xFFFD
PFS
—
—
—
P300PFS_BY
Port 300 Pin Function Select Register
0x0C3
8
R/W
0x00
0xFD
PFS
7
0x4
1-7
P30%sPFS
Port 30%s Pin Function Select Register
0x0C4
32
R/W
0x00000000
0xFFFFFFFD
PFS
7
0x4
1-7
P30%sPFS_HA
Port 30%s Pin Function Select Register
0x0C6
16
R/W
0x0000
0xFFFD
PFS
7
0x4
1-7
P30%sPFS_BY
Port 30%s Pin Function Select Register
0x0C7
8
R/W
0x00
0xFD
PFS
10
0x4
0-9
P40%sPFS
Port 40%s Pin Function Select Register
0x100
32
R/W
0x00000000
0xFFFFFFFD
PFS
10
0x4
0-9
P40%sPFS_HA
Port 40%s Pin Function Select Register
0x102
16
R/W
0x0000
0xFFFD
RA2L1 Datasheet
Appendix 3. I/O Registers
R01DS0385EJ0100 Rev.1.00
Aug 06, 2020
Page 96 of 110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com