Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA2L1AB2DFM Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFM
Description  Ultra low power 48 MHz Arm짰 Cortex-M23 core, up to 256-KB code flash memory
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFM Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFM Datasheet HTML 99Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 100Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 101Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 102Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 103Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 104Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 105Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 106Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 110 page
background image
Table 3.4
Register description (11 of 15)
Peripheral
name
Dim
Dim
inc.
Dim
index
Register
name
Description
Address
offset
Size R/W
Reset value
Reset mask
SCI1-3,9
—
—
—
SISR
IIC Status Register
0x0C
8
R
0x00
0xCB
SCI1-3,9
—
—
—
SPMR
SPI Mode Register
0x0D
8
R/W
0x00
0xFF
SCI1-3,9
—
—
—
TDRHL
Transmit Data Register
0x0E
16
R/W
0xFFFF
0xFFFF
SCI1-3,9
—
—
—
RDRHL
Receive Data Register
0x10
16
R
0x0000
0xFFFF
SCI1-3,9
—
—
—
MDDR
Modulation Duty Register
0x12
8
R/W
0xFF
0xFF
SCI1-3,9
—
—
—
DCCR
Data Compare Match Control Register
0x13
8
R/W
0x40
0xFF
SCI1-3,9
—
—
—
CDR
Compare Match Data Register
0x1A
16
R/W
0x0000
0xFFFF
SCI1-3,9
—
—
—
SPTR
Serial Port Register
0x1C
8
R/W
0x03
0xFF
SPI0-1
—
—
—
SPCR
SPI Control Register
0x00
8
R/W
0x00
0xFF
SPI0-1
—
—
—
SSLP
SPI Slave Select Polarity Register
0x01
8
R/W
0x00
0xFF
SPI0-1
—
—
—
SPPCR
SPI Pin Control Register
0x02
8
R/W
0x00
0xFF
SPI0-1
—
—
—
SPSR
SPI Status Register
0x03
8
R/W
0x20
0xFF
SPI0-1
—
—
—
SPDR
SPI Data Register
0x04
32
R/W
0x00000000
0xFFFFFFFF
SPI0-1
—
—
—
SPDR_HA
SPI Data Register
0x04
16
R/W
0x0000
0xFFFF
SPI0-1
—
—
—
SPBR
SPI Bit Rate Register
0x0A
8
R/W
0xFF
0xFF
SPI0-1
—
—
—
SPDCR
SPI Data Control Register
0x0B
8
R/W
0x00
0xFF
SPI0-1
—
—
—
SPCKD
SPI Clock Delay Register
0x0C
8
R/W
0x00
0xFF
SPI0-1
—
—
—
SSLND
SPI Slave Select Negation Delay Register
0x0D
8
R/W
0x00
0xFF
SPI0-1
—
—
—
SPND
SPI Next-Access Delay Register
0x0E
8
R/W
0x00
0xFF
SPI0-1
—
—
—
SPCR2
SPI Control Register 2
0x0F
8
R/W
0x00
0xFF
SPI0-1
—
—
—
SPCMD0
SPI Command Register 0
0x10
16
R/W
0x070D
0xFFFF
CRC
—
—
—
CRCCR0
CRC Control Register 0
0x00
8
R/W
0x00
0xFF
CRC
—
—
—
CRCCR1
CRC Control Register 1
0x01
8
R/W
0x00
0xFF
CRC
—
—
—
CRCDIR
CRC Data Input Register
0x04
32
R/W
0x00000000
0xFFFFFFFF
CRC
—
—
—
CRCDIR_BY
CRC Data Input Register
0x04
8
R/W
0x00
0xFF
CRC
—
—
—
CRCDOR
CRC Data Output Register
0x08
32
R/W
0x00000000
0xFFFFFFFF
CRC
—
—
—
CRCDOR_HA
CRC Data Output Register
0x08
16
R/W
0x0000
0xFFFF
CRC
—
—
—
CRCDOR_BY
CRC Data Output Register
0x08
8
R/W
0x00
0xFF
CRC
—
—
—
CRCSAR
Snoop Address Register
0x0C
16
R/W
0x0000
0xFFFF
GPT320-3
—
—
—
GTWP
General PWM Timer Write-Protection
Register
0x00
32
R/W
0x00000000
0xFFFFFFFF
GPT320-3
—
—
—
GTSTR
General PWM Timer Software Start
Register
0x04
32
R/W
0x00000000
0xFFFFFFFF
GPT320-3
—
—
—
GTSTP
General PWM Timer Software Stop
Register
0x08
32
R/W
0xFFFFFFFF
0xFFFFFFFF
GPT320-3
—
—
—
GTCLR
General PWM Timer Software Clear
Register
0x0C
32
W
0x00000000
0xFFFFFFFF
GPT320-3
—
—
—
GTSSR
General PWM Timer Start Source Select
Register
0x10
32
R/W
0x00000000
0xFFFFFFFF
GPT320-3
—
—
—
GTPSR
General PWM Timer Stop Source Select
Register
0x14
32
R/W
0x00000000
0xFFFFFFFF
GPT320-3
—
—
—
GTCSR
General PWM Timer Clear Source Select
Register
0x18
32
R/W
0x00000000
0xFFFFFFFF
GPT320-3
—
—
—
GTUPSR
General PWM Timer Up Count Source
Select Register
0x1C
32
R/W
0x00000000
0xFFFFFFFF
GPT320-3
—
—
—
GTDNSR
General PWM Timer Down Count Source
Select Register
0x20
32
R/W
0x00000000
0xFFFFFFFF
GPT320-3
—
—
—
GTICASR
General PWM Timer Input Capture Source
Select Register A
0x24
32
R/W
0x00000000
0xFFFFFFFF
RA2L1 Datasheet
Appendix 3. I/O Registers
R01DS0385EJ0100 Rev.1.00
Aug 06, 2020
Page 103 of 110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com