Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4959CFX Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE4959CFX
Description  TLE4959C FX Flexible Transmission SpeedSensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4959CFX Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4959CFX Datasheet HTML 6Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 7Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 8Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 9Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 10Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 11Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 12Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 13Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Data Sheet
10
1.0
2018-02
TLE4959C FX Flexible Transmission Speed Sensor
Electrical and Magnetic Characteristics
Note:
The listed Electrical and magnetic characteristics are ensured over the operating range of the
integrated circuit. Typical characteristics specify mean values expected over the production spread.
If not other specified, typical characteristics apply at TAmb = 25°C and VS =5V.
3.1
Output protocols
TLE4959C FX provides the option to select output protocol without direction detection. As well as the
following direction detection options where the direction is provided via PWM protocol.
Global run out3)
Runoutglob
al,speed
0
–
40
%
of magnetic speed signal
amplitude
0
–
60
%
of magnetic speed signal
amplitude with reduced
performance on stand-still
functionality
Runoutglob
al,dir
0
–
40
%
of magnetic direction signal
amplitude
0
–
60
%
Of magnetic direction signal
amplitude with reduced
performance on stand-still
functionality
Tooth to tooth run out (peak to
peak variation on two
consecutive teeth / pole-pair)3)
Runouttooth
,speed
0
–
40
%
of magnetic speed signal
amplitude
Runouttooth
,dir
0
–
40
%
of magnetic direction signal
amplitude
1) Value of capacitor: 1.8 nF±10%; ceramic: X8R; maximum voltage: 50 V
2) Parameter not subject to productive test. Verified by lab characterization based on jitter-measurement > 1000
periods
3) Defined as 1-(amplitude_min/amplitude_max)
Table 5
Option 1
Parameter
Symbol
Values
Unit
Note or Test Condition
Min.
Typ.
Max.
Output pulse in forward
direction
tfwd
38
45
52
µs
Output pulse in backward
direction
tbwd
114
135
155
µs
Power on pulse
tpower-on
153
180
207
µs
Table 4
Electrical and Magnetic Parameters (cont’d)
Parameter
Symbol
Values
Unit
Note or Test Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com