Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4959CFX Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4959CFX
Description  TLE4959C FX Flexible Transmission SpeedSensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4959CFX Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4959CFX Datasheet HTML 1Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 2Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 3Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 4Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 5Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 6Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 7Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 8Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Data Sheet
1
1.0
www.infineon.com/sensors
2018-02
TLE4959C FX Flexible Transmission Speed
Sensor
Features
• Hall based differential speed sensor
• High magnetic sensitivity
• Large operating airgap
• Dynamic self-calibration principle
• Adaptive hysteresis
• Output protocols with and without direction of rotation detection
• High vibration suppression capabilities
• Three wire voltage interface
• Magnetic encoder and ferromagnetic wheel application
• High immunity against ESD, EMC and mechanical stress, improved voltage dropout capability
• Automotive operating temperature range
• End-of-line programmable to adjust transmission requirements.
• Green Product (RoHS compliant)
• AEC Qualified
Applications
The TLE4959C FX is an integrated differential Hall speed sensor ideally suited for transmission applications. Its
basic function is to provide information about rotational speed and direction of rotation to the transmission
control unit. TLE4959C FX includes a sophisticated algorithm which actively suppresses vibration while
keeping excellent airgap performance.
Table 1
Description
Type
Marking
Ordering Code
Package
TLE4959C FX
59AIC1
SP001040492
PG-SSO-3-52


Similar Part No. - TLE4959CFX

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4959C INFINEON-TLE4959C Datasheet
781Kb / 14P
TLE4959C Transmission Speed Sensor
Data Sheet Ver. 1.0 2018-02
More results

Similar Description - TLE4959CFX

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1889 ICST-ICS1889 Datasheet
1Mb / 35P
100Base-FX Integrated PHYceiverTM
RevF092497
logo
List of Unclassifed Man...
TP112 ETC-TP112 Datasheet
114Kb / 8P
100Base-TX/FX Converter
logo
NXP Semiconductors
PN511 NXP-PN511 Datasheet
627Kb / 22P
Transmission Module
Rev. 3.3-13 June 2007
logo
Altonics Co., Ltd.
QS5100 ALTONICS-QS5100 Datasheet
1Mb / 17P
Digital FX LSI
logo
Power Analog Micoelectr...
TOP232PN PAM-TOP232PN Datasheet
644Kb / 36P
TOPSwitch-FX Family Design Flexible, EcoSmart짰, Integrated Off-line Switcher
logo
Source Photonics, Inc.
SP-FE-FX-XDFM SOURCE-SP-FE-FX-XDFM Datasheet
330Kb / 9P
125M 100BASE-FX application
logo
Sharma Electro Componen...
FX SHARMA-FX Datasheet
351Kb / 2P
FX Series
logo
Infineon Technologies A...
TLE4959-5U-SP INFINEON-TLE4959-5U-SP Datasheet
461Kb / 14P
TLE4959-5U-SP Transmission SpeedSensor
Data Sheet Ver. 1.0 2019-07
TLE4959C INFINEON-TLE4959C Datasheet
781Kb / 14P
TLE4959C Transmission Speed Sensor
Data Sheet Ver. 1.0 2018-02
logo
STMicroelectronics
L9300 STMICROELECTRONICS-L9300 Datasheet
2Mb / 182P
Automotive flexible U-chip for braking and transmission
15-Dec-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com