Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4959CFX Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE4959CFX
Description  TLE4959C FX Flexible Transmission SpeedSensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4959CFX Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE4959CFX Datasheet HTML 12Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 13Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 14Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 15Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 16Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 17Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 18Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 19Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 20Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
17
1.0
2018-02
TLE4959C FX Flexible Transmission Speed Sensor
Package Information
5.2
Position of the Hall Element
Figure 8
Position of the Hall Elements in PG-SSO-3-52 and Distance to the Branded Side
5.3
Marking and Data Matrix Code
Figure 9
Marking of PG-SSO-3-52 Package
5.4
Pin Configuration and Sensitive Area
Table 13
Pin Description
Pin Number1)
1) Refer to frontside view: leftmost pin corresponding to pin number 1
Symbol
Function
1
VDD
Supply Voltage
2GND
Ground
3
Q
Open Drain Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com