Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4959CFX Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE4959CFX
Description  TLE4959C FX Flexible Transmission SpeedSensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4959CFX Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE4959CFX Datasheet HTML 9Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 10Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 11Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 12Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 13Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 14Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 15Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 16Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
13
1.0
2018-02
TLE4959C FX Flexible Transmission Speed Sensor
EEPROM Functional Description
4
EEPROM Functional Description
4.1
Serial Interface
The serial interface is used to set parameter and to program the sensor IC, it allows writing and reading of
internal registers. Data transmission to the IC is done by supply voltage modulation, by providing the clock
timing and data information via only one line. Data from the IC are delivered via the output line, triggered by
as well clocking the supply line. In normal application operation the interface is not active, for entering that
mode a certain command right after power-on is required.
A detailed document (TLE4959C FX EEPROM Programming Guide) is available on request. It contains the
description of electrical timing and voltage requirements, as well as the information about data protocol,
available registers and addresses.
4.1.1
Data Transmission
Commands to the sensor are sent by modulating the supply voltage between two levels VDD,high and VDD,low.
They are sent in series of 17 pulses corresponding to 16 bit words, with MSB transmitted first and LSB last,
respectively the stop bit. Each of the 16 pulses is coded by the duty cycle as logical “0” or “1”. Logical "1" is
represented by a duty cycle of 2/3 of the period on VDD,high, logical “0” is represented by a duty cycle of 1/3 at
VDD,high. This forms the bit information and acts also as serial interface clock. Data transmission from the device
is represented by the state of the output, high for logical “1” and low for logical “0”. Recommended period
length is around 200 (tbd) µs per bit.
End of word is indicated by a long "low" supply (> 750 ms, first 30 ms should be > VDD,high, remaining time
< VDD,low). Please note, that for transmission of 16 data bits in total 17 pulses on VDD are necessary. If more than
16 input bits are transmitted the output bits are irrelevant (transmission buffer empty), whereas the input bits
remain valid and start overwriting the previously transmitted bits. In any case the last 17 transmitted bits are
interpreted as transmitted data word (16 bit) + 1 stop bit.
Figure 6
Serial Protocol
tbit tbit tbit tbit tbit tbit
thigh tlow
0
0 0 0 1
0
0
1
1
0
1 1
1 0
MSB
LSB Stop_bit=0
tON
tSupply ,enter
VDD
0
VDD,low
VDD,high
time
pulse1……
pulse17
tdig_reset
tSupplyhigh,exit
tstop
VQ
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com