Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4959CFX Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE4959CFX
Description  TLE4959C FX Flexible Transmission SpeedSensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4959CFX Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE4959CFX Datasheet HTML 11Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 12Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 13Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 14Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 15Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 16Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 17Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 18Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet
15
1.0
2018-02
TLE4959C FX Flexible Transmission Speed Sensor
EEPROM Functional Description
Not used
8.. 5 rw
To be set to “1101”
1101
DNC_ADAPT
4
rw
DNC Adaption:
0 = 25%
1 = 12.5%
0
Not used
3
rw
To be set to “0”
0
DIR_ENABLE
2
rw
0 = Direction detection off
1 = Direction detection on
1
Not used
1
rw
To be set to “1”
1
LOCK
0
rw
0 = User area of EEPROM is unlocked
1 = User area of EEPROM is locked (no
reprogramming possible)
0
Table 12
Functional Description Address 0x1 (cont’d)
Field
Bit
Type Description
TLE4959C FX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com