Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4959CFX Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE4959CFX
Description  TLE4959C FX Flexible Transmission SpeedSensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4959CFX Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE4959CFX Datasheet HTML 10Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 11Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 12Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 13Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 14Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 15Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 16Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 17Page - Infineon Technologies AG TLE4959CFX Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Data Sheet
14
1.0
2018-02
TLE4959C FX Flexible Transmission Speed Sensor
EEPROM Functional Description
4.2
EEPROM Description
Several options of TLE4959C FX can be programmed via an EEPROM to optimize the sensor algorithm to the
individual target wheel and application requirements. The EEPROM memory is organized in 2 customer lines.
Each line is composed of 16 data bits and additional 6 bits for error detection and correction, based on ECC
(Error Correction Code). For more detailed information about EEPROM access and programming an additional
document is available on request.
Table 9
EEPROM Address 0x0
15
14
13
12
11
10
987
6543
210
Table 10
Functional Description Address 0x0
Field
Bit
Type Description
TLE4959C FX
Not used
15
r
Always read as “0”
0
Not used
14
rw
To be set to “0”
0
HIGH_SPEED
13
rw
0 = Enabled motion detection
1 = According selected protocol when above
4.3kHz
0
Not used
12
rw
To be set to “0”
0
STAND_EN
11
rw
0=disable stand-still pulse
1=enable stand-still pulse
Stand still pulse is provided, if enabled, only
if PW_CHIOICE=00
0
Not used
10..0 rw
To be set to “00000000000”
00000000000
Table 11
EEPROM Address 0x1
15
14
13
12
11
10
987
6543
210
Table 12
Functional Description Address 0x1
Field
Bit
Type Description
TLE4959C FX
Not used
15:14 rw
To be set to “01”
01
PW_CHOICE
13:12 rw
Choice of PWM protocol for direction
detection.
00 = Option 1
01 = Option 2
10 = Option 3
11 = Option 4
11
FORWARD_DEF
11
rw
0 = None invertion of forward definition
1 = Invertion of forward definition
0
EDGE_POLAR
10
rw
0 = None invertion
1 = Invertion
0
HYST_ADAPT
9
rw
0 = 25%
1 = 12.5%
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com