Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-345VT Datasheet(PDF) 6 Page - STMicroelectronics

Part # BLUENRG-345VT
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-345VT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button BLUENRG-345VT Datasheet HTML 2Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 3Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 4Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 5Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 6Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 7Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 8Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 9Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
Figure 2. Bus matrix
1.2
ARM Cortex–M0+ core with MPU
The BlueNRG-LP contains an ARM Cortex-M0+ microcontroller core. The Cortex-M0+ was developed to provide
a low-cost platform that meets the needs of CPU implementation, with a reduced pin count and low-power
consumption, while delivering outstanding computational performance and an advanced response to interrupts.
The Cortex-M0+ can run from 1 MHz up to 64 MHz.
The Cortex-M0+ processor is built on a highly area and power optimized 32-bit processor core, with a 2-stage
pipeline Von Neumann architecture. The processor delivers exceptional energy efficiency through a small but
powerful instruction set and extensively optimized design, providing high-end processing hardware including a
single-cycle multiplier.
The interrupts are handled by the Cortex-M0+ Nested Vector Interrupt Controller (NVIC). The NVIC controls
specific Cortex-M0+ interrupts as well as the BlueNRG-LP peripheral interrupts. With its embedded ARM core, the
BlueNRG-LP family is compatible with all ARM tools and software.
1.3
Memories
1.3.1
Embedded Flash memory
The Flash controller implements the erase and program Flash memory operation. The flash controller also
implements the read and write protection.
The Flash memory features are:
•
Memory organization:
–
1 bank of 256 kB
–
Page size: 2 kB
–
Page number 128
•
32-bit wide data read/write
BlueNRG-LP
ARM Cortex–M0+ core with MPU
DS13282 - Rev 2
page 6/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com