Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-345VT Datasheet(PDF) 14 Page - STMicroelectronics

Part # BLUENRG-345VT
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-345VT Datasheet(HTML) 14 Page - STMicroelectronics

Back Button BLUENRG-345VT Datasheet HTML 10Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 11Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 12Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 13Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 14Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 15Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 16Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 17Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 72 page
background image
•
The PADRESETn (system reset): this reset is built through several sources:
–
PORESETn
–
Reset due to the watchdog
The BlueNRG-LP device embeds a watchdog timer, which may be used to recover from software
crashes
–
Reset due to CPU Lockup
The Cortex-M0+ generates a lockup to indicate the core is in the lock-up state resulting from an
unrecoverable exception. The lock-up reset is masked if a debugger is connected to the Cortex-M0+
–
Software system reset
The system reset request is generated by the debug circuitry of the Cortex®-M0+. The debugger sets
the SYSRESETREQ bit of the application interrupt and reset control register (AIRCR). This system
reset request through the AIRCR can also be done by the embedded software (into the hardfault
handler for instance)
–
Reset from the RSTN external pin
The RSTN pin toggles to inform that a reset has occurred
This PADRESETn resets all resources of the BlueNRG-LP, except:
•
Debug features
•
Flash controller key management
•
RTC timer
•
Power controller unit
•
Part of the RCC registers
The pulse generator guarantees a minimum reset pulse duration of 20 μs for each internal reset source. In case
of reset from the RSTN external pad, the reset pulse is generated when the pad is asserted low.
1.9
Clock management
Three different clock sources may be used to drive the system clock of the BlueNRG-LP:
•
HSI: high speed internal 64 MHz RC oscillator
•
PLL64M: 64 MHz PLL clock
•
HSE: high speed 32 MHz external crystal
The BlueNRG-LP has also a low speed clock tree used by some timers in the radio, RTC and IWDG.
Four different clock sources can be used for this low speed clock tree:
•
Low speed internal (LSI): low speed and low drift internal RC with a fixed frequency between 24 kHz and 49
kHz depending on the sample
•
Low speed external (LSE) from:
–
An external crystal 32.768 kHz
–
A single-ended 32.738 kHz input signal
•
A 32 kHz clock (CLK_16 MHz/512 in Figure 6. Clock tree) obtained by dividing HSI or HSE. In this case, the
slow clock is not available in DEEPSTOP low power mode
•
LSI_LPMU: 32 kHz clock used by the low power management unit (LPMU) analog block.
By default, after a system reset, all low speed sources are OFF.
Both the activation and the selection of the slow clock are relevant during the DEEPSTOP mode and at wakeup
as slow clock generates a clock for the timers involved in wake-up event generation.
The HSI and the PLL64M clocks are provided by the same analog block called RC64MPLL. The 64 MHz clock
output by this block can be:
•
A non-accurate clock when no external XO provides an input clock to this block (HSI)
•
An accurate clock when the external XO provides the 32 MHz and once its internal PLL is locked (PLL64M)
This fast clock source is used to generate all the fast clock of the device through dividers. After reset, the
CLK_SYS is divided by four to provide a 16 MHz to the whole system (CPU, DMA, memories and peripherals).
This fast clock source is also used to generate several internal fast clocks in the system:
•
Always 32 MHz requested by a few peripherals like the radio
BlueNRG-LP
Clock management
DS13282 - Rev 2
page 14/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com