Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-345VT Datasheet(PDF) 17 Page - STMicroelectronics

Part # BLUENRG-345VT
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-345VT Datasheet(HTML) 17 Page - STMicroelectronics

Back Button BLUENRG-345VT Datasheet HTML 13Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 14Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 15Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 16Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 17Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 18Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 19Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 20Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 72 page
background image
•
Priorities among requests from channels of DMA are software programmable (four levels consisting of very
high, high, medium, low) or hardware in case of equality (request 1 has priority over request 2, and so on)
•
Independent source and destination transfer size (byte, half word, word), emulating packing and unpacking.
Source/destination addresses must be aligned on the data size
•
Support for circular buffer management
•
Three event flags (DMA half transfer, DMA transfer complete and DMA transfer error) logically ORed
together in a single interrupt request for each channel
•
Memory-to-memory transfer (RAM only)
•
Peripheral-to-memory and memory-to-peripheral, and peripheral-to-peripheral transfers
•
Access to SRAMs and APB1 peripherals as source and destination
•
Programmable number of data to be transferred: up to 65536
1.14
Nested vectored interrupt controller (NVIC)
The interrupts are handled by the Cortex®-M0+ nested vector interrupt controller (NVIC). NVIC controls specific
Cortex®-M0+ interrupts as well as the BlueNRG-LP peripheral interrupts.
The NVIC benefits are the following:
•
Nested vectored interrupt controller that is an integral part of the ARM® Cortex®-M0+
•
Tightly coupled interrupt controller provides low interrupt latency
•
Control system exceptions and peripheral interrupts
•
NVIC supports 32 vectored interrupts
•
Four programmable interrupt priority levels with hardware priority level masking
•
Software interrupt generation using the ARM® exceptions SVCall and PendSV
•
Support for NMI
•
ARM® Cortex® M0+ vector table offset register VTOR implemented
NVIC hardware block provides flexible interrupt management features with minimal interrupt latency.
1.15
Analog digital converter (ADC)
The BlueNRG-LP embeds a 12-bit ADC. The ADC consists of a 12-bit successive approximation analog-to-digital
converter (SAR) with 2 x 8 multiplexed channels allowing measurements of up to eight external sources and up to
two internal sources.
It embeds a PDM interface integrating a digital filter for processing PDM stream coming from a digital microphone.
It also embeds a dedicated ECM microphone feature with which it is possible to connect an analog microphone
directly to the ADC port of the BlueNRG-LP.
The ADC main features are:
•
Conversion frequency is up to 1 Msps
•
Three input voltage ranges are supported (0 - 1.2 V, 0 - 2.4 V, 0 - 3.6 V)
•
Up to eight analog single-ended channels or four analog differential inputs or a mix of both
•
One analog microphone supported through two GPIOs configured in analog mode (an input for the analog
microphone and a Vbias output for the analog microphone)
•
Temperature sensor conversion
•
Battery level conversion up to 3.6 V
•
Continuous or single acquisition
•
Digital decimation filter to process a digital audio PDM stream provided by 2 GPIOs and for ADC post-
processing, especially for analog audio stream
•
Five modes of conversion are possible:
–
ADC continuous or single mode
–
Analog continuous audio mode
–
Occasional conversions
–
Digital continuous audio mode
–
Full mode
BlueNRG-LP
Nested vectored interrupt controller (NVIC)
DS13282 - Rev 2
page 17/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com