Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-345VT Datasheet(PDF) 69 Page - STMicroelectronics

Part # BLUENRG-345VT
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-345VT Datasheet(HTML) 69 Page - STMicroelectronics

Back Button BLUENRG-345VT Datasheet HTML 64Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 65Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 66Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 67Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 68Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 69Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 70Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 71Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 72Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 69 / 72 page
background image
5.3.5
RF receiver characteristics ................................................ 41
5.3.6
Embedded reset and power control block characteristics ......................... 45
5.3.7
Supply current characteristics .............................................. 45
5.3.8
Wake-up time from low power modes ........................................ 46
5.3.9
High speed crystal requirements ............................................ 46
5.3.10
Low speed crystal requirements ............................................ 47
5.3.11
High speed ring oscillator characteristics ..................................... 47
5.3.12
Low speed ring oscillator characteristics ...................................... 47
5.3.13
PLL characteristics ...................................................... 47
5.3.14
Flash memory characteristics .............................................. 48
5.3.15
Electrostatic discharge (ESD) .............................................. 48
5.3.16
I/O port characteristics ................................................... 48
5.3.17
RSTN pin characteristics.................................................. 49
5.3.18
ADC characteristics...................................................... 50
5.3.19
Temperature sensor characteristics.......................................... 51
5.3.20
Timer characteristics ..................................................... 51
5.3.21
I2C interface characteristics ............................................... 53
5.3.22
SPI characteristics ...................................................... 53
6
Package information..............................................................56
6.1
QFN48 (6x6x0.9, pitch 0.4 mm) package information ............................... 56
6.2
QFN32 (5x5x0.9, pitch 0.5 mm) package information ............................... 59
6.3
WLCSP49 (3.14x3.14x0.4, pitch 0.4 mm) package information ....................... 62
6.4
Thermal characteristics ........................................................ 64
7
Ordering information .............................................................65
Revision history .......................................................................66
BlueNRG-LP
Contents
DS13282 - Rev 2
page 69/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com