Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-345VT Datasheet(PDF) 37 Page - STMicroelectronics

Part # BLUENRG-345VT
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-345VT Datasheet(HTML) 37 Page - STMicroelectronics

Back Button BLUENRG-345VT Datasheet HTML 33Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 34Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 35Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 36Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 37Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 38Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 39Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 40Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 72 page
background image
5.3
Operating conditions
5.3.1
Summary of main performance
Table 11. Main performance SMPS ON
Symbol
Parameter
Test conditions
Typ.
VDD = 1.8 V
Typ.
VDD = 3.3 V
Unit
ICORE
Core current
consumption
SHUTDOWN
8
19
nA
DEEPSTOP, no
timer, wake-up
GPIO, RAM0
retained
0.44
0.46
µA
DEEPSTOP, no
timer, wakeup
GPIO, all RAM
retained
0.62
0.64
DEEPSTOP (32
kHz LSI), RAM0
retained
0.94
1.06
DEEPSTOP (32
kHz LSI), all RAMs
retained
1.12
1.24
DEEPSTOP (32
kHz LSE), RAM0
retained
0.64
0.75
DEEPSTOP (32
kHz LSE), all RAM
retained
0.83
0.94
CPU in RUN (64
MHz). Dhrystone,
clock source PLL64
2719
uA
CPU in RUN (32
MHz). Dhrystone,
clock source PLL64
2188
CPU in WFI (64
MHz), all
peripherals off,
clock source PLL64
1708
Radio RX at
sensitivity level
3350
Radio TX 0 dBm
output power
4300
IDYNAMIC
Dynamic current
Computed value:
(CPU 64 MHz
Dhrystone - CPU
32 MHz
Dhrystone) / 32
18
µA/MHz
BlueNRG-LP
Operating conditions
DS13282 - Rev 2
page 37/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com