Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-345VT Datasheet(PDF) 7 Page - STMicroelectronics

Part # BLUENRG-345VT
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-345VT Datasheet(HTML) 7 Page - STMicroelectronics

Back Button BLUENRG-345VT Datasheet HTML 3Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 4Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 5Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 6Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 7Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 8Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 9Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 10Page - STMicroelectronics BLUENRG-345VT Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
•
Page erase and mass erase
The Flash controller features are:
•
Flash memory read operations
•
Flash memory write operations: single data write or 4x32-bits burst write
•
Flash memory erase operations
•
Page write protect mechanism
1.3.2
Embedded SRAM
The BlueNRG-LP has a total of 64 kB of embedded SRAM, split into four banks as shown in the following table:
Table 1. SRAM overview
SRAM bank
Size
Address
Retained in DEEPSTOP
SRAM0
16 kB
0x2000 0000
Always
SRAM1
16 kB
0x2000 4000
Programmable by the user
SRAM2
16 kB
0x2000 8000
Programmable by the user
SRAM3
16 kB
0x2000 C000
Programmable by the user
1.3.3
Embedded ROM
The BlueNRG-LP has a total of 7 kB of embedded ROM. This area is ST reserved and contains:
•
The UART bootloader from which the CPU boots after each reset (first 6 kB of ROM memory)
•
Some ST reserved values including the ADC trimming values (the last 1 kB of ROM memory)
1.3.4
Embedded OTP
The one-time-programmable (OTP) is a memory of 1 kB dedicated for user data. The OTP data cannot be
erased.
The user can protect the OTP data area by writing the last word at address 0x1000 1BFC and by performing a
system reset. This operation freezes the OTP memory from further unwanted write operations.
1.3.5
Memory protection unit (MPU)
The MPU is used to manage accesses to memory to prevent one task from accidentally corrupting the memory or
resources used by any other active task. This memory area is organized into up to 8 protected areas. The
protection area sizes are between 32 bytes and the whole 4 gigabytes of addressable memory.
The MPU is especially helpful for applications where some critical or certified code has to be protected against the
misbehavior of other tasks. It is usually managed by an RTOS (real-time operating system). If a program
accesses a memory location that is prohibited by the MPU, the RTOS can detect it and take action. In an RTOS
environment, the kernel can dynamically update the MPU area settings, based on the process to be executed.
The MPU is optional and can be bypassed for applications that do not need it.
1.4
Security and safety
The BlueNRG-LP contains many security blocks for the BLE and the host application.
It includes:
•
Flash read/write protections
•
As protection against potential hacker attacks, the SWD access can be disabled
•
Secure bootloader (refer to the dedicated BlueNRG-LP UART bootloader protocol application note AN5471)
•
Customer storage of the BLE keys
•
True random number generator (RNG)
BlueNRG-LP
Security and safety
DS13282 - Rev 2
page 7/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com