Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6986H Datasheet(PDF) 46 Page - STMicroelectronics

Part # L6986H
Description  38 V, 2 A synchronous step-down switching regulator with 30 μA quiescent current
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986H Datasheet(HTML) 46 Page - STMicroelectronics

Back Button L6986H Datasheet HTML 42Page - STMicroelectronics L6986H Datasheet HTML 43Page - STMicroelectronics L6986H Datasheet HTML 44Page - STMicroelectronics L6986H Datasheet HTML 45Page - STMicroelectronics L6986H Datasheet HTML 46Page - STMicroelectronics L6986H Datasheet HTML 47Page - STMicroelectronics L6986H Datasheet HTML 48Page - STMicroelectronics L6986H Datasheet HTML 49Page - STMicroelectronics L6986H Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
In the SLAVE mode the L6986H sets the internal oscillator at 250 kHz typ. (see Table 2) and drives the line
accordingly.
Figure 49. L6986H synchronization driving capability
In order to safely guarantee that each regulator recognizes itself in SLAVE mode when synchronized, the external
master must drive the SYNCH pin with a clock signal frequency higher than the maximum oscillator spread of the
selected line in Table 2 for at least 10 internal clock cycles.
Once recognized as SLAVE the synchronization range is:
•
275 - 1.4 MHz if fSW < 500 kHz
•
475 kHz - 2.2 MHz if fSW >=500 kHz
example 1: selecting RFSW = 0 Ω to VCC
Table 13. Example of oscillator frequency selection
Symbol
RVCC (E24 series) RGND (E24 series)
fSW min.
fSW typ.
fSW max.
fSW
NC
0 Ω
225
250
275
the device enters in slave mode after 10 pulses at frequency higher than 275 kHz and so it is able to synchronize
to a clock signal in the range 275 kHz - 1.4 MHz (see Figure 48. Synchronization pulse definition).
Example 2: selecting RFSW = 0 Ω to GND
Table 14. Example of oscillator frequency selection (2)
Symbol
RVCC (E24 series) RGND (E24 series)
fSW min.
fSW typ.
fSW max.
fSW
NC
0 Ω
450
500
550
The device enters in slave mode after 10 pulses at frequency higher than 550 kHz and so it is able to synchronize
to a clock signal in the range 475 kHz - 2.2 MHz (see Figure 48. Synchronization pulse definition).
L6986H
Synchronization (LNM)
DS12905 - Rev 2
page 46/68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com