Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6986H Datasheet(PDF) 49 Page - STMicroelectronics

Part # L6986H
Description  38 V, 2 A synchronous step-down switching regulator with 30 μA quiescent current
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986H Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L6986H Datasheet HTML 45Page - STMicroelectronics L6986H Datasheet HTML 46Page - STMicroelectronics L6986H Datasheet HTML 47Page - STMicroelectronics L6986H Datasheet HTML 48Page - STMicroelectronics L6986H Datasheet HTML 49Page - STMicroelectronics L6986H Datasheet HTML 50Page - STMicroelectronics L6986H Datasheet HTML 51Page - STMicroelectronics L6986H Datasheet HTML 52Page - STMicroelectronics L6986H Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
Table 15. Input capacitors
Manufacturer
Series
Size
Cap value (µF)
Rated voltage (V)
TDK
C3225X7S1H106M
1210
10
50
C3216X5R1H106M
1206
-
-
Taiyo Yuden
UMK325BJ106MM-T
1210
-
-
6.6.2
Inductor selection
The inductor current ripple flowing into the output capacitor determines the output voltage ripple (please refer to
Output capacitor selection). Usually the inductor value is selected in order to keep the current ripple lower than
20% - 40% of the output current over the input voltage range. The inductance value can be calculated by equation
below:
ΔIL=VIN−VOUT
L ⋅TON=VOUTL⋅TOFF
(49)
Where TON and TOFF are the on and off time of the internal power switch. The maximum current ripple, at fixed
VOUT, is obtained at maximum TOFF that is at minimum duty cycle (see Input capacitor selection to calculate
minimum duty). So fixing ΔIL = 20% to 40% of the maximum output current, the minimum inductance value can be
calculated:
LMIN= VOUT
ΔILMAX⋅1−DMIN
fSW
(50)
where fSW is the switching frequency 1/(TON + TOFF).
For example for VOUT = 3.3 V, VIN = 12 V, IOUT = 2 A and FSW = 500 kHz the minimum inductance value to have
ΔIL = 30% of IOUT is about 8.2 µH.
The peak current through the inductor is given by:
IL,PK=IOUT+ΔIL2
(51)
So if the inductor value decreases, the peak current (that has to be lower than the current limit of the device)
increases. The higher is the inductor value, the higher is the average output current that can be delivered, without
reaching the current limit.
In the table below, some inductor part numbers are listed.
Table 16. Inductors
Manufacturer
Series
Inductor value (µH)
Saturation current (A)
Coilcraft
XAL50xx
2.2 to 22
6.5 to 2.7
XAL60xx
12.5 to 4
6.6.3
Output capacitor selection
The triangular shape current ripple (with zero average value) flowing into the output capacitor gives the output
voltage ripple, that depends on the capacitor value and the equivalent resistive component (ESR). As a
consequence the output capacitor has to be selected in order to have a voltage ripple compliant with the
application requirements.
The voltage ripple equation can be calculated as:
ΔVOUT=ESR⋅ΔILMAX+ ΔILMAX
8⋅COUT⋅fSW
(52)
Usually the resistive component of the ripple can be neglected if the selected output capacitor is a multi layer
ceramic capacitor (MLCC).
The output capacitor is important also for loop stability: it determines the main pole and the zero due to its ESR.
(See Closing the loop to consider its effect in the system stability).
L6986H
Design of the power components
DS12905 - Rev 2
page 49/68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com