Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6986H Datasheet(PDF) 67 Page - STMicroelectronics

Part # L6986H
Description  38 V, 2 A synchronous step-down switching regulator with 30 μA quiescent current
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986H Datasheet(HTML) 67 Page - STMicroelectronics

Back Button L6986H Datasheet HTML 60Page - STMicroelectronics L6986H Datasheet HTML 61Page - STMicroelectronics L6986H Datasheet HTML 62Page - STMicroelectronics L6986H Datasheet HTML 63Page - STMicroelectronics L6986H Datasheet HTML 64Page - STMicroelectronics L6986H Datasheet HTML 65Page - STMicroelectronics L6986H Datasheet HTML 66Page - STMicroelectronics L6986H Datasheet HTML 67Page - STMicroelectronics L6986H Datasheet HTML 68Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 67 / 68 page
background image
Figure 51.
Master driving capability to synchronize the L6986H ......................................... 48
Figure 52.
Evaluation board schematic .......................................................... 50
Figure 53.
Magnitude bode plot ............................................................... 53
Figure 54.
Phase margin bode plot ............................................................. 53
Figure 55.
Top layer ....................................................................... 54
Figure 56.
Bottom layer..................................................................... 54
Figure 57.
Efficiency: VIN = 13.5 V - VOUT = 3.3 V - fsw = 500 kHz ....................................... 55
Figure 58.
Efficiency: VIN = 13.5 V - VOUT = 3.3 V - fsw = 500 kHz (log scale)................................ 55
Figure 59.
Efficiency: VIN = 13.5 V - VOUT = 5 V - fsw = 500 kHz ......................................... 56
Figure 60.
Efficiency: VIN = 13.5 V - VOUT = 5 V - fsw = 500 kHz (log scale) ................................. 56
Figure 61.
Efficiency: VIN = 24 V - VOUT = 3.3 V - fsw = 500 kHz ......................................... 57
Figure 62.
Efficiency: VIN = 24 V - VOUT = 3.3 V - fsw = 500 kHz (log scale) ................................. 57
Figure 63.
Efficiency: VIN = 24 V - VOUT = 5 V - fsw = 500 kHz .......................................... 58
Figure 64.
Efficiency: VIN = 24 V - VOUT = 5 V - fsw = 500 kHz (log scale) .................................. 58
Figure 65.
HTSSOP16 package outline.......................................................... 59
L6986H
List of figures
DS12905 - Rev 2
page 67/68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com