Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6986H Datasheet(PDF) 33 Page - STMicroelectronics

Part # L6986H
Description  38 V, 2 A synchronous step-down switching regulator with 30 μA quiescent current
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986H Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L6986H Datasheet HTML 29Page - STMicroelectronics L6986H Datasheet HTML 30Page - STMicroelectronics L6986H Datasheet HTML 31Page - STMicroelectronics L6986H Datasheet HTML 32Page - STMicroelectronics L6986H Datasheet HTML 33Page - STMicroelectronics L6986H Datasheet HTML 34Page - STMicroelectronics L6986H Datasheet HTML 35Page - STMicroelectronics L6986H Datasheet HTML 36Page - STMicroelectronics L6986H Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
The VBIAS pin absolute maximum ratings (see Table 1) must be satisfied over the different dynamic conditions.
If the VBIAS is connected to GND there are no issues (see Figure 31. Output voltage oscillations during heavy
short-circuit and Figure 32. Zoomed waveforms).
A small resistor value (few ohms) in series with the VBIAS can help to limit the pin negative voltage (see
Figure 33. VBIAS in heavy short-circuit event) during heavy short-circuit events if it is connected to the regulated
output voltage.
Figure 33. VBIAS in heavy short-circuit event
4.12
Overvoltage protection
The overvoltage protection monitors the VOUT pin and enables the low-side MOSFET to discharge the output
capacitor if the output voltage is 20% over the nominal value.
This is a second level protection and should never be triggered in normal operating conditions if the system is
properly dimensioned. In other words, the selection of the external power components and the dynamic
performance determined by the compensation network should guarantee an output voltage regulation within the
overvoltage threshold even during the worst case scenario in term of load transitions.
The protection is reliable and also able to operate even during normal load transitions for a system whose
dynamic performance is not in line with the load dynamic request. As a consequence the output voltage regulation
would be affected.
Figure 34. Overvoltage operation shows the overvoltage operation during a negative steep load transient for a
system configured in low consumption mode and designed with a not optimized compensation network. This can
be considered as an example for a system with dynamic performance not in line with the load request.
The L6986H device implements a 1 A typ. negative current limitation to limit the maximum reversed switch current
during the overvoltage operation.
Moreover, the overvoltage protection also activates the internal pull-down on RST pin. Once OVP is deactivated,
the L6986H releases the RST pin after the delay programmed by DELAY capacitor (6 ms in
Figure 34. Overvoltage operation).
L6986H
Overvoltage protection
DS12905 - Rev 2
page 33/68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com