Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6986H Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6986H
Description  38 V, 2 A synchronous step-down switching regulator with 30 μA quiescent current
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986H Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6986H Datasheet HTML 17Page - STMicroelectronics L6986H Datasheet HTML 18Page - STMicroelectronics L6986H Datasheet HTML 19Page - STMicroelectronics L6986H Datasheet HTML 20Page - STMicroelectronics L6986H Datasheet HTML 21Page - STMicroelectronics L6986H Datasheet HTML 22Page - STMicroelectronics L6986H Datasheet HTML 23Page - STMicroelectronics L6986H Datasheet HTML 24Page - STMicroelectronics L6986H Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
Figure 16. Low noise mode operation
4.8.2
Low consumption mode (LCM)
The low consumption mode maximizes the efficiency at light-load. The regulator prevents the switching activity
whenever the switch peak current request is lower than the ISKIP threshold. As a consequence the L6986H device
works in bursts and it minimizes the quiescent current request in the meantime between the switching operation.
In LCM operation, the pin SYNCH/ISKIP level dynamically defines the ISKIP current threshold (see
Table 5. Electrical characteristics) as shown in Table 11. ISKIP programmable current threshold.
Table 11. ISKIP programmable current threshold
SYNCH / ISKIP (pin 4)
ISKIP current threshold
Low
ISKIPH = 0.6 A typical
High
ISKIPL = 0.2 A typical
The ISKIP programmability helps to optimize the performance in terms of the output voltage ripple or efficiency at
the light-load, that are parameters which disagree each other by definition. A lower skip current level minimizes
the voltage ripple but increases the switching activity (time between bursts gets closer) since less energy per
burst is transferred to the output voltage at the given load. On the other side, a higher skip level reduces the
switching activity and improves the efficiency at the light-load but worsen the voltage ripple.
No difference in terms of the voltage ripple and conversion efficiency for the medium and high load current level,
that is when the device operates in the discontinuous or continuous mode (DCM vs. CCM).
The L6986H allows changing the skip current threshold level while the device is switching in order to adapt the
pulse skipping operation to the loading condition. The time needed to detect and implement this transition is
negligible with respect to the switching period.
When the L6986H is configured in the low consumption mode, the SYNCH/ISKIP pin operates as a logic gate
input pin with an internal pull-down (4.5 µA typ.) guaranteeing the ISKIPH operation when leaving the pin floating.
Table 12. SYNCH/ISKIP pin voltage thresholds and driving current reports the VSYNCH/ISKIP thresholds and the
minimum current needed to drive the pin.
L6986H
Light-load operation
DS12905 - Rev 2
page 21/68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com