Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6986HTR Datasheet(PDF) 44 Page - STMicroelectronics

Part # L6986HTR
Description  38 V, 2 A synchronous step-down switching regulator with 30 μA quiescent current
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986HTR Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L6986HTR Datasheet HTML 40Page - STMicroelectronics L6986HTR Datasheet HTML 41Page - STMicroelectronics L6986HTR Datasheet HTML 42Page - STMicroelectronics L6986HTR Datasheet HTML 43Page - STMicroelectronics L6986HTR Datasheet HTML 44Page - STMicroelectronics L6986HTR Datasheet HTML 45Page - STMicroelectronics L6986HTR Datasheet HTML 46Page - STMicroelectronics L6986HTR Datasheet HTML 47Page - STMicroelectronics L6986HTR Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
Figure 45. Input RMS current
0
0.2
0.4
0.6
0.8
1
0
0.1
0.2
0.3
0.4
0.5
two regulators operating in phase
two regulators operating out of phase
Duty cycle
Figure 46. Two regulators not synchronized shows two not synchronized regulators with unconnected SYNCH
pin.
Figure 46. Two regulators not synchronized
Figure 47. Two regulators synchronized shows the same regulators working synchronized having the SYNCH
pins connected. The MASTER regulator (LX_reg2 trace) delivers the synchronization signal to the SLAVE device
(LX_reg1). The SLAVE regulator works in phase with the synchronization signal, which is out of phase with the
MASTER switching operation.
L6986H
Synchronization (LNM)
DS12905 - Rev 2
page 44/68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com