Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6986HTR Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6986HTR
Description  38 V, 2 A synchronous step-down switching regulator with 30 μA quiescent current
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986HTR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6986HTR Datasheet HTML 16Page - STMicroelectronics L6986HTR Datasheet HTML 17Page - STMicroelectronics L6986HTR Datasheet HTML 18Page - STMicroelectronics L6986HTR Datasheet HTML 19Page - STMicroelectronics L6986HTR Datasheet HTML 20Page - STMicroelectronics L6986HTR Datasheet HTML 21Page - STMicroelectronics L6986HTR Datasheet HTML 22Page - STMicroelectronics L6986HTR Datasheet HTML 23Page - STMicroelectronics L6986HTR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 68 page
background image
Figure 15. Normalized RDS(on),HS variation
-2%
-1%
0%
1%
2%
3%
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30 32 34 36 38
VIN [V]
RDS(on),HS @ I
OUT =1A (normalized @ VIN =12V)
4.8
Light-load operation
The MLF pinstrapping during the power-up phase determines the light-load operation (refer to Table 7. LNM/ LCM
selection (L6986H3V3) and Table 8. LNM/ LCM selection (L6986H5V)).
4.8.1
Low noise mode (LNM)
The low noise mode implements a forced PWM operation over the different loading conditions. The LNM features
a constant switching frequency to minimize the noise in the final application and a constant voltage ripple at fixed
VIN. The regulator in steady loading condition never skips pulses and it operates in continuous conduction mode
(CCM) over the different loading conditions, thus making this operation mode ideal for noise sensitive
applications.
L6986H
Light-load operation
DS12905 - Rev 2
page 20/68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com