Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6986HTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6986HTR
Description  38 V, 2 A synchronous step-down switching regulator with 30 μA quiescent current
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986HTR Datasheet(HTML) 1 Page - STMicroelectronics

  L6986HTR Datasheet HTML 1Page - STMicroelectronics L6986HTR Datasheet HTML 2Page - STMicroelectronics L6986HTR Datasheet HTML 3Page - STMicroelectronics L6986HTR Datasheet HTML 4Page - STMicroelectronics L6986HTR Datasheet HTML 5Page - STMicroelectronics L6986HTR Datasheet HTML 6Page - STMicroelectronics L6986HTR Datasheet HTML 7Page - STMicroelectronics L6986HTR Datasheet HTML 8Page - STMicroelectronics L6986HTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
Features
•
2 A DC output current
•
4 V to 38 V operating input voltage
•
Low consumption mode or low noise mode
•
30 µA IQ at light-load (LCM VOUT = 3.3 V)
•
8 µA IQ-SHTDWN
•
Adjustable fSW (250 kHz - 2 MHz)
•
Fixed output voltage (3.3 V and 5 V) or adjustable from 0.85 V to VIN
•
Embedded output voltage supervisor
•
Synchronization
•
Adjustable soft-start time
•
Internal current limiting
•
Overvoltage protection
•
Output voltage sequencing
•
Peak current mode architecture
•
RDS(on) HS = 180 mΩ, RDS(on) LS = 150 mΩ
•
Thermal shutdown
Applications
•
Designed for 12 V and 24 V buses
•
Programmable logic controllers (PLCs)
•
Decentralized intelligent nodes
•
Sensors and low noise applications (LNM)
Description
The L6986H is a step-down monolithic switching regulator able to deliver up to 2 A
DC. The output voltage adjustability ranges from 0.85 V to VIN. Thanks to the P-
channel MOSFET high-side power element, the device features 100% duty cycle
operation. The wide input voltage range meets the specification for the 5 V, 12 V and
24 V power supplies.
The “low consumption mode” (LCM) is designed for applications active during idle
mode, so it maximizes the efficiency at light-load with controlled output voltage ripple.
The “low noise mode” (LNM) makes the switching frequency constant and minimizes
the output voltage ripple overload current range, meeting the low noise application
specifications. The output voltage supervisor manages the reset phase for any digital
load (µC, FPGA). The RST open collector output can also implement output voltage
sequencing during the power-up phase. The synchronous rectification, designed for
high efficiency at medium - heavy load, and the high switching frequency capability
make the size of the application compact. Pulse by pulse current sensing on both
power elements implements an effective constant current protection.
Product status link
L6986H
38 V, 2 A synchronous step-down switching regulator with 30 μA quiescent current
L6986H
Datasheet
DS12905 - Rev 2 - February 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - L6986HTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6986 STMICROELECTRONICS-L6986 Datasheet
5Mb / 68P
38 V, 2 A synchronous step-down switching regulator with 30 A quiescent current
16-Aug-2016
L6986I STMICROELECTRONICS-L6986I Datasheet
5Mb / 60P
38 V, 5 W synchronous iso-buck converter for isolated applications
Rev 1
L6986I STMICROELECTRONICS-L6986I Datasheet
5Mb / 60P
38 V, 5 W synchronous iso-buck converter for isolated applications
26-Mar-2021
L6986ITR STMICROELECTRONICS-L6986ITR Datasheet
5Mb / 60P
38 V, 5 W synchronous iso-buck converter for isolated applications
Rev 1
L6986ITR STMICROELECTRONICS-L6986ITR Datasheet
5Mb / 60P
38 V, 5 W synchronous iso-buck converter for isolated applications
26-Mar-2021
More results

Similar Description - L6986HTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A6986F STMICROELECTRONICS-A6986F Datasheet
6Mb / 72P
38 V 1.5 A synchronous step-down switching regulator
15-Apr-2015
R6986 STMICROELECTRONICS-R6986 Datasheet
2Mb / 62P
38 V, 2 A synchronous step-down switching regulator
13-May-2015
A6986 STMICROELECTRONICS-A6986 Datasheet
6Mb / 67P
38 V, 2 A synchronous step-down switching regulator with 30 µA quiescent current
November 2015 Rev 6
L6986 STMICROELECTRONICS-L6986 Datasheet
5Mb / 68P
38 V, 2 A synchronous step-down switching regulator with 30 A quiescent current
16-Aug-2016
L6983 STMICROELECTRONICS-L6983 Datasheet
4Mb / 63P
38 V, 3 A synchronous step-down converter with 17 μA quiescent current
Rev 1 - October 2019
A6986H STMICROELECTRONICS-A6986H Datasheet
17Mb / 71P
Automotive 38 V, 2 A synchronous step-down switching regulator with 30 μA
Rev 3 - August 2020
L6983 STMICROELECTRONICS-L6983_V01 Datasheet
4Mb / 63P
38 V, 3 A synchronous step-down converter with 17 μA quiescent current
Apr-2020
L7983 STMICROELECTRONICS-L7983 Datasheet
1Mb / 43P
60 V, 300 mA synchronous step-down switching regulator with 10 μA quiescent current
Rev 1 - October 2020
L6981 STMICROELECTRONICS-L6981 Datasheet
3Mb / 49P
38 V, 1.5 A synchronous step-down converter with low quiescent current
15-Jan-2020
L6982 STMICROELECTRONICS-L6982 Datasheet
2Mb / 48P
38 V, 2 A synchronous step-down converter with low quiescent current
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com