Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6986HTR Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6986HTR
Description  38 V, 2 A synchronous step-down switching regulator with 30 μA quiescent current
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986HTR Datasheet(HTML) 3 Page - STMicroelectronics

  L6986HTR Datasheet HTML 1Page - STMicroelectronics L6986HTR Datasheet HTML 2Page - STMicroelectronics L6986HTR Datasheet HTML 3Page - STMicroelectronics L6986HTR Datasheet HTML 4Page - STMicroelectronics L6986HTR Datasheet HTML 5Page - STMicroelectronics L6986HTR Datasheet HTML 6Page - STMicroelectronics L6986HTR Datasheet HTML 7Page - STMicroelectronics L6986HTR Datasheet HTML 8Page - STMicroelectronics L6986HTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
2
Pin settings
2.1
Pin connection
Figure 2. Pin connection (top view)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
RST
VCC
SS/INH
SYNCH/ISKIP
FSW
MLF
COMP
DELAY
VBIAS
VIN
LX
LX
PGND
PGND
SGND
VOUT
EXPOSED
PAD TO
SGND+PGND
2.2
Pin description
Table 1. Pin description
Number
Pin
Description
1
RST
The RST open collector output is driven low when the output
voltage is out of regulation. The RST is released after an
adjustable time DELAY once the output voltage is over the active
delay threshold.
2
VCC
Connect a ceramic capacitor (≥ 470 nF) to filter internal voltage
reference. This pin supplies the embedded analog circuitry.
3
SS/INH
An open collector stage can disable the device clamping this pin
to GND (INH mode). An internal current generator (4 µA typ.)
charges the external capacitor to implement the soft-start.
4
SYNCH/ ISKP
The pin features master / slave synchronization in LNM (see Low
noise mode (LNM)) and skip current level selection in LCM (see
Low consumption mode (LCM)). In LNM, leave this pin floating
when it is not used.
5
FSW
A pull-up resistor (E24 series only) to VCC or pull down to GND
selects the switching frequency. Pin strapping is active only
before the soft-start phase to minimize the IC consumption.
6
MLF
A pull-up resistor (E24 series only) to VCC or pull-down to GND
selects the low consumption mode/low noise mode and the active
RST threshold. Pin strapping is active only before the soft-start
phase to minimize the IC consumption.
7
COMP
Output of the error amplifier. The designed compensation
network is connected at this pin.
8
DELAY
An external capacitor connected to this pin sets the time DELAY
to assert the rising edge of the RST o.c. after the output voltage
is over the reset threshold. If this pin is left floating, RST is like a
Power Good.
9
VOUT
Output voltage sensing
L6986H
Pin settings
DS12905 - Rev 2
page 3/68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com